Electronic Components Datasheet Search
  English  ▼

X  

PE71S2020 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE71S2020
Description  2.92mm SPST PIN Diode Switch Operating From 2 GHz to 40 GHz Up To 30 dBm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S2020 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE71S2020 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S2020 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S2020 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S2020 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S2020 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S2020 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
• SPST Absorptive Switch
• 2.0 GHz to 40 GHz
• Insertion Loss 5 dB max
• Isolation 30 dB min
• Power Input 30 dBm CW max
Applications
• Test & Measurement
• Military Communication
• Commercial Communication
.
Description
The PE71S2020 is a SPST Absorptive Switch designed to operate over the 2.0 GHz to 40.0 GHz Frequency Range. The
switch is designed to maintain low insertion loss, high isolation, and fast switching speed.
Electrical Specifications
TTL Control Logic
Off/Isolation: “0”
On/Low Loss: “1”
Description
Minimum
Typical
Maximum
Units
Frequency Range
2
40
GHz
Impedance
50
Ohms
Return Loss
-5
dB
Insertion Loss
5
dB
Isolation
30
dB
Swiching Time
150
ns
Input Power (CW)
1
Watts
Positive Operating Voltage
5
Volts
Negative Operating Voltage
-5
Volts
. .
Mechanical Specifications
Size
Length
1.2 in [30.48 mm]
Width
1.2 in [30.48 mm]
Height
0.6 in [15.24 mm]
.
Package Type
Connectorized Module
Design
SPST, Absorptive
RF Connector
2.92mm Female
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 2.92mm SPST PIN Diode Switch Operating From 2 GHz to 40 GHz Up To +30 dBm
PE71S2020
PE71S2020 REV 1.0
2.92mm SPST PIN Diode Switch Operating
From 2 GHz to 40 GHz Up To +30 dBm
PIN Diode Switches Technical Data Sheet
PE71S2020


Similar Part No. - PE71S2020

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S2021 PASTERNACK-PE71S2021 Datasheet
451Kb / 5P
2.92mm SPDT PIN Diode Switch Operating From 2 GHz to 40 GHz Up To plus 27 dBm
PE71S2022 PASTERNACK-PE71S2022 Datasheet
441Kb / 5P
2.92mm SPDT PIN Diode Switch Operating From 2 GHz to 40 GHz Up To plus 27 dBm
PE71S2023 PASTERNACK-PE71S2023 Datasheet
447Kb / 5P
PIN Diode Switches Technical Data Sheet
PE71S2024 PASTERNACK-PE71S2024 Datasheet
439Kb / 5P
PIN Diode Switches Technical Data Sheet
PE71S2025 PASTERNACK-PE71S2025 Datasheet
466Kb / 5P
PIN Diode Switches Technical Data Sheet
More results

Similar Description - PE71S2020

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7169 PASTERNACK-PE7169 Datasheet
268Kb / 3P
50 Ohm 2.92mm SPST PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE71S2011 PASTERNACK-PE71S2011 Datasheet
502Kb / 6P
2.92mm SPST PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 30 dBm
PE71S2012 PASTERNACK-PE71S2012 Datasheet
485Kb / 6P
2.92mm SPST PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 30 dBm
PE71S2015 PASTERNACK-PE71S2015 Datasheet
502Kb / 6P
SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2016 PASTERNACK-PE71S2016 Datasheet
487Kb / 6P
SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2017 PASTERNACK-PE71S2017 Datasheet
501Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2019 PASTERNACK-PE71S2019 Datasheet
451Kb / 6P
2.92mm SPST PIN Diode Switch Operating From 2 GHz to 40 GHz Up To 30 dBm
PE71S2021 PASTERNACK-PE71S2021 Datasheet
451Kb / 5P
2.92mm SPDT PIN Diode Switch Operating From 2 GHz to 40 GHz Up To plus 27 dBm
PE71S2022 PASTERNACK-PE71S2022 Datasheet
441Kb / 5P
2.92mm SPDT PIN Diode Switch Operating From 2 GHz to 40 GHz Up To plus 27 dBm
PE71S6208 PASTERNACK-PE71S6208 Datasheet
551Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 4 GHz Up To plus 30 dBm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com