Electronic Components Datasheet Search
  English  ▼

X  

PE5202 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE5202
Description  1-2 Inch Superflexible Trimming Tool
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5202 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE5202 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE5202 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
1/2 Inch Superflexible Trimming Tool
Configuration
Description
1/2InchSuperflexibleTrimmingTool
BodyMaterialandPlating
ABS
Length,in[mm]
3.14[79.76]
Width,in[mm]
2.204[55.98]
Height,in[mm]
1.37[34.8]
Compliance Certifications (visitwww.Pasternack.comforcurrentdocument)
RoHSCompliant
Yes
Plotted and Other Data
Notes:
Valuesat25°C,sealevel
ComponentMaterialandPlating;Steel,NickelPlated
Brass,NickelPlatedSteel.
1/2InchSuperflexibleTrimmingToolfromPasternackEnterpriseshassamedayshipmentfordomesticandInternational
orders.OurRF,microwaveandfiberopticproductsmaintaina99%availabilityandarepartofthebroadestselectioninthe
industry.
Clickthefollowinglink(orenterpartnumberin“SEARCH”onwebsite)toobtainadditionalpartinformationincludingprice,
inventoryandcertifications: 1/2InchSuperflexibleTrimmingToolPE5202
URL: http://www.pasternack.com/1-2-inch-superflexible-trimming-tool-pe5202-p.aspx
PE5202
PE5202REV
1/2InchSuperflexibleTrimmingTool


Similar Part No. - PE5202

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5200 PASTERNACK-PE5200 Datasheet
256Kb / 1P
COAXIAL CABLE CUTTING TOOL
PE5201 PASTERNACK-PE5201 Datasheet
770Kb / 2P
1-2 Inch Flexible Prep Tool
More results

Similar Description - PE5202

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3345 BOURNS-3345 Datasheet
74Kb / 1P
1/2 ?앪?Round Trimming Potentiometer
3250 BOURNS-3250_12 Datasheet
138Kb / 1P
1/2 ??Square Trimpot짰 Trimming Potentiometer
3082 BOURNS-3082 Datasheet
140Kb / 1P
1/2 Rectangular Trimpot짰 Trimming Potentiometer
3252 BOURNS-3252 Datasheet
117Kb / 1P
1/2 ??Square Trimpot짰 Trimming Potentiometer
RJ22 BOURNS-RJ22 Datasheet
108Kb / 1P
1/2 Square Trimpot Trimming Potentiometer
logo
Pasternack Enterprises,...
PE5201 PASTERNACK-PE5201 Datasheet
770Kb / 2P
1-2 Inch Flexible Prep Tool
PE37968-36 PASTERNACK-PE37968-36 Datasheet
414Kb / 5P
N Male to N Male Low PIM Cable 36 Inch Length Using 1/2 inch Superflexible Coax
PE39804-36 PASTERNACK-PE39804-36 Datasheet
397Kb / 4P
N Male to N Male Low PIM Cable 36 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39804-144 PASTERNACK-PE39804-144 Datasheet
399Kb / 4P
N Male to N Male Low PIM Cable 144 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39804-192 PASTERNACK-PE39804-192 Datasheet
398Kb / 4P
N Male to N Male Low PIM Cable 192 Inch Length Using 1/2 inch Superflexible Coax, RoHS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com