Electronic Components Datasheet Search
  English  ▼

X  

PE8012P Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8012P
Description  Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 12.4 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8012P Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8012P Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8012P Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8012P Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to
12.4 GHz
Configuration
Bias Type
Zero Biased Detector
Detector Polarity
Positive
Body Style
Straight
RF Input Connector
SMA Male
RF Input Impedance
50 Ohms
Video Output Connector
SMA Female
Electrical Specifications
Frequency Range, GHz
0.01 to 12.4
Voltage Sensitivity, mV/mW
500
Maximum VSWR
1.4:1
Flatness, dB
± 0.3
Maximum Input Power, dBm
23
Video Capacitance, pF
470
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +125
Size
Length, in [mm]
1.21 [30.73]
Width/Dia., in [mm]
0.31 [7.87]
.
RF Input
Type
SMA Male
Hex Size, Inch
5/16
Torque, in-lbs [Nm]
8 [0.9]
Video Output
Type
SMA Female
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From
10 MHz to 12.4 GHz PE8012P
PE8012P
PE8012P REV 1.0
Zero Biased Detector With 50 Ohm SMA Male to SMA
Female Video Out Operating From 10 MHz to 12.4 GHz


Similar Part No. - PE8012P

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8012 PASTERNACK-PE8012 Datasheet
249Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 12.4 GHz
More results

Similar Description - PE8012P

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8002 PASTERNACK-PE8002 Datasheet
244Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 1 GHz to 2 GHz
PE8004 PASTERNACK-PE8004 Datasheet
242Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 4 GHz to 8 GHz
PE8005 PASTERNACK-PE8005 Datasheet
243Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 6 GHz to 18 GHz
PE8009-P PASTERNACK-PE8009-P Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 18 GHz to 26 GHz
PE8010 PASTERNACK-PE8010 Datasheet
245Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 2 GHz
PE8012 PASTERNACK-PE8012 Datasheet
249Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 12.4 GHz
PE8013 PASTERNACK-PE8013 Datasheet
246Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 18.5 GHz
PE8014 PASTERNACK-PE8014 Datasheet
248Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 26.5 GHz
PE8016 PASTERNACK-PE8016 Datasheet
216Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 2 GHz to 8 GHz
PE8011 PASTERNACK-PE8011 Datasheet
360Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Negative Video Out Operating From 10 MHz to 4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com