Electronic Components Datasheet Search
  English  ▼

X  

A20 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # A20
Description  ARMv7 ISA standard ARM instruction set
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A20 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button A20 Datasheet HTML 3Page - List of Unclassifed Manufacturers A20 Datasheet HTML 4Page - List of Unclassifed Manufacturers A20 Datasheet HTML 5Page - List of Unclassifed Manufacturers A20 Datasheet HTML 6Page - List of Unclassifed Manufacturers A20 Datasheet HTML 7Page - List of Unclassifed Manufacturers A20 Datasheet HTML 8Page - List of Unclassifed Manufacturers A20 Datasheet HTML 9Page - List of Unclassifed Manufacturers A20 Datasheet HTML 10Page - List of Unclassifed Manufacturers A20 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
A20 Datasheet (Revision 1.41)
Copyright © 2013 Allwinner Technology Co., Ltd. All Rights Reserved.
Page 7
Features
System Resources
●
Timer
–6 timers: clock source can be switched over
24M/32K for all timers, and external signals can be
used as clock source for Timer4/5
–Two 33-bit AVS counters
–Watchdog to generate reset signal or interrupt
–Real time counter for second, minute, hour, day,
month, and year
●
High Speed Timer
–4 channels
–Clock source is fixed to AHB, and the pre-scale
ranges from 1 to 16
–56-bit counter that can be separated to 24-bit high
register and 32-bit low register
●
DMA
–16 channels
–Support data width of 8/32 bits
–Support linear and IO address modes
●
CCU
–8PLLs, a main 24MHz oscillator, an on-chip RC
oscillator and a 32768Hz oscillator (optional)
●
GIC
–Support 16 SGIs, 16 PPIs, and 128 SPIs
–Support ARM architecture security extensions
–Support ARM architecture virtualization extensions
–Support uniprocessor and multiprocessor
environments
Video Engine (Phoenix 3.0)
● Video Decoding
–Support picture size up to 3840x2160
–Support decoding speed up to 1080p@60fps
–Supported formats: Mpeg1/2, Mpeg4 SP/ASP
GMC, H.263 including Sorenson Spark, H.264 BP/
MP/HP, VP6/8, AVS jizun, Jpeg/Mjpeg, etc.
● Video Encoding
–H.264 HP up to 1080p@30fps
–Jpeg baseline: picture size up to 4080x4080
–Alpha blending
–Thumb generation
–4x2 scaling ratio from 1/16 to 64 arbitrary non-
integer ratio
Display Engine
● Four moveable and size-adjustable layers, each
layer size up to 8192x8192 pixels
● Ultra-Scaling engine
–8-tap scale filter in horizontal and 4 tap in vertical
–Source image size from 8x4 to 8192x8192
resolution and destination image size from 8x4 to
8192x8192 resolution
● Support multiple image input formats
–mono 1/2/4/8 bpp
–palette 1/2/4/8 bpp
–6/24/32 bpp color
–YUV444/420/422/411
● Support alpha blending/color key/gamma/harware
cursor/sprite
● Output color correction: luminance/hue/saturation,
etc
● Support de-interlace
● Video enhancement: lum peaking/DCTi/black and
white level extension
● 3D input/output format conversion and display
Video Output
● HDMI 1.4 transmitter with HDCP
● LVDS/Sync RGB/CPU LCD interface up to
1920x1200 resolution
● Support 4-channel CVBS, or 2-channel S-video, or
1-channel YPbPr/VGA (YPbPr/VGA up to 1080p)
● Support two-channel independent display
Video Input
● Support TV decoder: 4-ch analog CVBS or 1-ch
YPbPr(480i/576i/480p/576p) signal input
● Dual CMOS sensor parallel interfaces that support
YUV format only
–CSI0 up to 1080p@30fps
–CSI1 up to 720p@30fps
● Support BT656 interface
● Support 24-bit YUV444/RGB interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com