Electronic Components Datasheet Search
  English  ▼

X  

A80 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # A80
Description  NEON with SIMD and VFPv4 support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A80 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button A80 Datasheet HTML 3Page - List of Unclassifed Manufacturers A80 Datasheet HTML 4Page - List of Unclassifed Manufacturers A80 Datasheet HTML 5Page - List of Unclassifed Manufacturers A80 Datasheet HTML 6Page - List of Unclassifed Manufacturers A80 Datasheet HTML 7Page - List of Unclassifed Manufacturers A80 Datasheet HTML 8Page - List of Unclassifed Manufacturers A80 Datasheet HTML 9Page - List of Unclassifed Manufacturers A80 Datasheet HTML 10Page - List of Unclassifed Manufacturers A80 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
A80 Datasheet (Revision 1.0)
Copyright © 2014 Allwinner Technology Co., Ltd. All Rights Reserved.
P
age 7
Features
2.3. Memory Subsystem
This section consists of:
● Boot ROM
● SDRAM
● NAND Flash
● SD/MMC interface
Boot ROM
● Support system boot from Raw NAND, eMMC NAND, SPI NOR Flash, and SD/TF card
● Support system code download through USB DRD
SDRAM
● Support 8GB address space
● Support dual-channel 64-bit bus width
● Support LPDDR2/LPDDR3/DDR3/DDR3L SDRAM
NAND Flash
● Support 8-bit data BUS width
● Support 72-bit ECC per 1024 bytes
● Support 4 flash chips
● Support 1024, 2048, 4096, 8192, 16K, 32K bytes size per page
● Support SDR, ONFI NV-DDR/NV-DDR2 and Toggle DDR/DDR2
SD/MMC Interface
● Comply to eMMC standard specification V4.5, SD physical layer specification V3.0, SDIO card specification V2.0
● Support 4/8-bit bus width
● Support data rate up to 100Mbps
● Support four SD/MMC controllers
● Support SDIO interrupt detection
● Support 3.3V/1.8V IO voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com