Electronic Components Datasheet Search
  English  ▼

X  

SHT21S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SHT21S
Description  Humidity and Temperature Sensor IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT21S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SHT21S Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT21S Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT21S Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT21S Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT21S Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT21S Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT21S Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT21S Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT21S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Datasheet SHT21S
www.sensirion.com
Version 4 – May 2014
5/10
Figure 9 Top view of example of mounted SHT2x with slits
milled into PCB to minimize heat transfer.
2.4
Light
The SHT2x is not light sensitive. Prolonged direct
exposure to sunshine or strong UV radiation may age the
sensor.
2.5
Materials Used for Sealing / Mounting
Many materials absorb humidity and will act as a buffer
increasing response times and hysteresis. Materials in the
vicinity of the sensor must therefore be carefully chosen.
Recommended materials are: Any metals, LCP, POM
(Delrin), PTFE (Teflon), PEEK, PP, PB, PPS, PSU, PVDF,
PVF.
For sealing and gluing (use sparingly): Use high filled
epoxy for electronic packaging (e.g. glob top, underfill),
and Silicone. Out-gassing of these materials may also
contaminate the sensor (see Section 2.2). Therefore try to
add the sensor as a last manufacturing step to the
assembly, store the assembly well ventilated after
manufacturing or bake at >50°C for 24h to outgas
contaminants before packing.
3 Interface Specifications
Pin Name
Comment
1
SDA Data bit-stream
2
VSS Ground
5
VDD Supply Voltage
6
SCL Selector for RH or T
3,4
NC Not connected
Table 2 SHT21S pin assignment (top view)
3.1
Power Pins (VDD, VSS)
The supply voltage of SHT21S must be in the range of 2.1
– 3.6V, recommended supply voltage is 3.0V. Power
supply pins Supply Voltage (VDD) and Ground (VSS) must
be decoupled with a 100nF capacitor, that shall be placed
as close to the sensor as possible – see Figure 10.
3.2
SCL – Output Selector Pad
SCL is used to select humidity or temperature output. SCL
high yields humidity output, SCL low yields temperature
output.
Figure 10 Typical application circuit, including decoupling of
VDD and VSS by a capacitor.
3.3
SDA – Bit Stream Pad
On SDA the sensor is providing SDM output. The signal is
carrying humidity or temperature data depending on SCL
being high or low, respectively. See Table 4 for detailed
I/O characteristic of the sensor.
4 Electrical Characteristics
4.1
Absolute Maximum Ratings
The electrical characteristics of SHT21S are defined in
Table 1. The absolute maximum ratings as given in Table
3 are stress ratings only and give additional information.
Functional operation of the device at these conditions is
not implied. Exposure to absolute maximum rating
conditions for extended periods may affect the sensor
reliability (e.g. hot carrier degradation, oxide breakdown).
SDA
SCL
VSS
VDD
SHT2x
SDM bit stream
Select RH or T
1
6
5
2
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com