Electronic Components Datasheet Search
  English  ▼

X  

SLI Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SLI
Description  Media Isolated Microfluidic Flow Meter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLI Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SLI Datasheet HTML 1Page - List of Unclassifed Manufacturers SLI Datasheet HTML 2Page - List of Unclassifed Manufacturers SLI Datasheet HTML 3Page - List of Unclassifed Manufacturers SLI Datasheet HTML 4Page - List of Unclassifed Manufacturers SLI Datasheet HTML 5Page - List of Unclassifed Manufacturers SLI Datasheet HTML 6Page - List of Unclassifed Manufacturers SLI Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.sensirion.com
Version 10 –February 2015
6/7
6 Ordering Information
For OEM applications, the flow meter can be
purchased in larger quantities without any additional
parts.
For
optimum
performance,
Sensirion
recommends using the SLI flow meters in
combination with the SCC1 interface cables.
For laboratory use and technology evaluation, the
Flow Meter Kit SLI-XXXX can be ordered.
This laboratory-package contains:
Liquid Flow Meter SLI-XXXX
Fitting Material for 1/8’’ tubing
PC Software (Viewer & Data Export Tool)
SCC1-USB Sensor Cable with USB connector
for plug-and-play connection to a PC
SCC1-Analog Sensor Cable with 0-10 V voltage
output.
Table 9: Ordering information
Product
Article Number
SLI-0430 Liquid Flow Meter
1-100836-02
SLI-1000 Liquid Flow Meter
1-100835-01
SLI-2000 Liquid Flow Meter
1-100895-01
Flow Meter Kit SLI-0430
1-100893-01
Flow Meter Kit SLI-1000
1-100879-01
Flow Meter Kit SLI-2000
1-100894-01
Interface Cables:
SCC1-RS485 Sensor Cable Pigtail 2m
1-100804-01
SCC1-RS485 Sensor Cable Pigtail 5m
1-101122-01
SCC1-ANALOG Sensor Cable Pigtail 2m
1-101072-01
SCC1-ANALOG Sensor Cable Pigtail 10m
1-101219-01
SCC1-USB Sensor Cable 2m
1-101007-01



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com