Electronic Components Datasheet Search
  English  ▼

X  

BA885 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BA885
Description  Current-controlled RF resistor for switching and attenuating applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BA885 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BA885 Datasheet HTML 1Page - Infineon Technologies AG BA885 Datasheet HTML 2Page - Infineon Technologies AG BA885 Datasheet HTML 3Page - Infineon Technologies AG BA885 Datasheet HTML 4Page - Infineon Technologies AG BA885 Datasheet HTML 5Page - Infineon Technologies AG BA885 Datasheet HTML 6Page - Infineon Technologies AG BA885 Datasheet HTML 7Page - Infineon Technologies AG BA885 Datasheet HTML 8Page - Infineon Technologies AG BA885 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2014-02-11
2
BA595/BA885/BA895...
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BA595, BA885
BA895, -02V
RthJS
≤ 370
≤ 95
K/W
1For calculation of RthJA please refer to Application Note AN077 (Thermal Resistance Calculation)
Electrical Characteristics at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current
VR = 30 V
IR
-
-
20
nA
Forward voltage
IF = 50 mA
VF
-
-
1.1
V
AC Characteristics
Diode capacitance
VR = 0 V, f = 100 MHz
VR = 10 V, f = 1 MHz
CT
-
-
0.26
0.22
0.4
0.6
pF
Reverse parallel resistance
VR = 1 V, f = 100 MHz
VR = 0 V, f = 1 GHz
RP
-
-
50
10
-
-
k
Ω
Forward resistance
IF = 1.5 mA, f = 100 MHz
IF = 10 mA, f = 100 MHz
rf
-
-
22
4.5
40
7
Ω
Charge carrier life time
IF = 10 mA, IR = 6 mA, measured at IR = 3 mA ,
RL = 100 Ω
τ rr
-
1600
-
ns
I-region width
WI
-
130
-
µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com