Electronic Components Datasheet Search
  English  ▼

X  

BGF148 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BGF148
Description  7 line ESD and EMI interface protection device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGF148 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BGF148 Datasheet HTML 1Page - Infineon Technologies AG BGF148 Datasheet HTML 2Page - Infineon Technologies AG BGF148 Datasheet HTML 3Page - Infineon Technologies AG BGF148 Datasheet HTML 4Page - Infineon Technologies AG BGF148 Datasheet HTML 5Page - Infineon Technologies AG BGF148 Datasheet HTML 6Page - Infineon Technologies AG BGF148 Datasheet HTML 7Page - Infineon Technologies AG BGF148 Datasheet HTML 8Page - Infineon Technologies AG BGF148 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
BGF148
Electrical Characteristics
Final Datasheet
5
Revision 1.9.2, 2014-04-02
1.3
Product Description
Figure 1-1 Schematic
2
Electrical Characteristics
2.1
Maximum Ratings
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit.
Type
Package
Marking
Chip
BGF148
TSNP-14-2
48
N0756
Table 2-1
Maximum Ratings at
T
A = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Voltage at all pins to GND
VF
0-
5.5
V
Operating temperature range
TOP
-40
-
+85
°C
Storage temperature range
TSTG
-65
-
+150
°C
ESD contact discharge1)
External IOs
Internal IOs
1) VESD according to IEC61000-4-2
VESD
-15
-8
-
15
8
kV
BGF148_schematic_pin_diagram.vsd
Top view
SDdat 3/CD
GND
SDdat 2
SDdat 1
SDdat 0
SDcmd
SDclk
Dat3/CD
dat 2
dat1
dat 0
cmd
clk
VCC IO
R1: 20
Ω
R2: 20
Ω
R3: 20
Ω
R4: 20
Ω
R5: 20
Ω
R6: 20
Ω
Int. PINs
8kV ESD
+
−
Ext. PIN
15kV ESD
+
−
SD
dat3
/CD
SD
CMD
GND
SD
clk
SD
dat0
SD
dat1
dat1
SD
dat2
dat
2
dat3
/CD
CMD
Vcc
clk
dat0
14
1
2
3
4
5
6
7
8
9
10
11
12
13
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com