Electronic Components Datasheet Search
  English  ▼

X  

PE44647D Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44647D
Description  FAKRA Plug Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Bordeaux Color
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44647D Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44647D Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44647D Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44647D Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
FAKRA Plug Connector Crimp/Solder Attachment
For PE-C100, RG174, RG316, Bordeaux Color
FAKRA Plug Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Bordeaux Color
Configuration
Connector
FAKRA Plug
Connector Interface Type
PE-C100,RG174,RG316
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum VSWR
1.3:1
Dielectric Withstanding Voltage, Vrms
800
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +85
Size
Length, in [mm]
0.035 [0.89]
Width/Dia., in [mm]
0.37 [9]
Height, in [mm]
0.433 [11]
.
Weight, lbs [g]
0.008 [3.63]
Color
Bordeaux
Connector
Type
FAKRA Plug
Contact Material and Plating
Phosphor Bronze, Gold
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Plastic, Paint
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: FAKRA Plug Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Bordeaux
Color PE44647D
PE44647D
PE44647D REV


Similar Part No. - PE44647D

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44647A PASTERNACK-PE44647A Datasheet
222Kb / 3P
FAKRA Plug Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Black Color
PE44647B PASTERNACK-PE44647B Datasheet
297Kb / 3P
FAKRA Plug Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, White Color
PE44647C PASTERNACK-PE44647C Datasheet
298Kb / 3P
FAKRA Plug Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Blue Color
PE44647H PASTERNACK-PE44647H Datasheet
298Kb / 3P
FAKRA Plug Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Violet Color
PE44647I PASTERNACK-PE44647I Datasheet
297Kb / 3P
FAKRA Plug Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Beige Color
More results

Similar Description - PE44647D

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44647A PASTERNACK-PE44647A Datasheet
222Kb / 3P
FAKRA Plug Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Black Color
PE44647C PASTERNACK-PE44647C Datasheet
298Kb / 3P
FAKRA Plug Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Blue Color
PE44646H PASTERNACK-PE44646H Datasheet
303Kb / 3P
FAKRA Jack Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Violet Color
PE44647Z PASTERNACK-PE44647Z Datasheet
224Kb / 3P
FAKRA Plug Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Water Blue Color
PE44646D PASTERNACK-PE44646D Datasheet
227Kb / 3P
FAKRA Jack Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Bordeaux Color
PE44647B PASTERNACK-PE44647B Datasheet
297Kb / 3P
FAKRA Plug Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, White Color
PE44647H PASTERNACK-PE44647H Datasheet
298Kb / 3P
FAKRA Plug Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Violet Color
PE44647I PASTERNACK-PE44647I Datasheet
297Kb / 3P
FAKRA Plug Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Beige Color
PE44647K PASTERNACK-PE44647K Datasheet
222Kb / 3P
FAKRA Plug Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Curry Color
PE44648D PASTERNACK-PE44648D Datasheet
308Kb / 3P
FAKRA Jack Right Angle Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Bordeaux Color
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com