Electronic Components Datasheet Search
  English  ▼

X  

HWS554_V2 Datasheet(PDF) 3 Page - Hexawave, Inc

Part # HWS554_V2
Description  SOI 0.5-3.0 GHz SP4T Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS554_V2 Datasheet(HTML) 3 Page - Hexawave, Inc

  HWS554_V2 Datasheet HTML 1Page - Hexawave, Inc HWS554_V2 Datasheet HTML 2Page - Hexawave, Inc HWS554_V2 Datasheet HTML 3Page - Hexawave, Inc HWS554_V2 Datasheet HTML 4Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HWS554
SOI 0.5-3.0 GHz SP4T Switch
May 2015 V2
Hexawave Inc.
2 Prosperity Road II, Science Park, Hsinchu, Taiwan.
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Logic Table for Switch On-Path (high=1.8V, low= 0V)
SP4T
VC1
VC2
VC3
RF1
RF2
RF3
RF4
50ohm
0
0
0
on
off
off
off
off
0
0
1
off
on
off
off
off
0
1
0
off
off
on
off
off
0
1
1
off
off
off
on
off
1
0
0
off
off
off
off
off
1
0
1
off
off
off
off
on
1
1
1
Shutdown mode
Isolation Matrix
Isolation (dB)
On Port
Frequency (GHz)
RF1
RF2
RF3
RF4
Antenna to Port
RF1
1.0
41
44
38
RF1
2.0
35
33
32
RF1
2.7
32
28
29
RF2
1.0
41
37
45
RF2
2.0
34
31
34
RF2
2.7
31
28
29
RF3
1.0
43
41
39
RF3
2.0
34
35
32
RF3
2.7
30
32
29
RF4
1.0
41
42
38
RF4
2.0
35
34
31
RF4
2.7
31
30
29



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com