Electronic Components Datasheet Search
  English  ▼

X  

PE44649H Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44649H
Description  FAKRA Plug Connector Solder Attachment Thru Hole PCB, Violet Color
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44649H Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44649H Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44649H Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Violet Color
Configuration
Connector
FAKRA Plug
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.7 [17.78]
Width/Dia., in [mm]
0.37 [9.40]
Height, in [mm]
0.43 [10.92]
.
Weight, lbs [g]
0.008 [3.63]
Color
Violet
Connector
Type
FAKRA Plug
Contact Material and Plating
Phosphor Bronze, Gold
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Plastic
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Violet Color from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: FAKRA Plug Connector Solder Attachment Thru Hole PCB, Violet Color PE44649H
URL: http://www.pasternack.com/fakra-plug-standard-thru-hole-pcb-connector-pe44649h-p.aspx
PE44649H
PE44649H REV 01
FAKRA Plug Connector Solder Attachment
Thru Hole PCB, Violet Color


Similar Part No. - PE44649H

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44649A PASTERNACK-PE44649A Datasheet
291Kb / 3P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Black Color
PE44649B PASTERNACK-PE44649B Datasheet
287Kb / 2P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, White Color
PE44649C PASTERNACK-PE44649C Datasheet
290Kb / 2P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Blue Color
PE44649D PASTERNACK-PE44649D Datasheet
290Kb / 2P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Bordeaux Color
PE44649I PASTERNACK-PE44649I Datasheet
287Kb / 2P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Beige Color
More results

Similar Description - PE44649H

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44649Z PASTERNACK-PE44649Z Datasheet
292Kb / 3P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Water Blue Color
PE44649A PASTERNACK-PE44649A Datasheet
291Kb / 3P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Black Color
PE44649B PASTERNACK-PE44649B Datasheet
287Kb / 2P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, White Color
PE44649C PASTERNACK-PE44649C Datasheet
290Kb / 2P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Blue Color
PE44649D PASTERNACK-PE44649D Datasheet
290Kb / 2P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Bordeaux Color
PE44649I PASTERNACK-PE44649I Datasheet
287Kb / 2P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Beige Color
PE44649K PASTERNACK-PE44649K Datasheet
289Kb / 2P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Curry Color
PE44650H PASTERNACK-PE44650H Datasheet
217Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Violet Color
PE44651H PASTERNACK-PE44651H Datasheet
223Kb / 3P
FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Violet Color
PE44651K PASTERNACK-PE44651K Datasheet
291Kb / 3P
FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Curry Color
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com