Electronic Components Datasheet Search
  English  ▼

X  

PE44650D Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44650D
Description  FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Bordeaux Color
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44650D Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44650D Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44650D Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Bordeaux Color
Configuration
Connector
FAKRA Jack
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.878 [22.3]
Width/Dia., in [mm]
0.37 [9.40]
Height, in [mm]
0.674 [17.12]
.
Weight, lbs [g]
0.008 [3.63]
Color
Bordeaux
Connector
Type
FAKRA Jack
Contact Material and Plating
Phosphor Bronze, Gold
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Plastic
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Bordeaux Color from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Bordeaux Color PE44650D
URL: http://www.pasternack.com/fakra-jack-standard-thru-hole-pcb-connector-pe44650d-p.aspx
PE44650D
PE44650D REV 01
FAKRA Jack Right Angle Connector Solder
Attachment Thru Hole PCB, Bordeaux Color


Similar Part No. - PE44650D

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44650A PASTERNACK-PE44650A Datasheet
218Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Black Color
PE44650B PASTERNACK-PE44650B Datasheet
216Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, White Color
PE44650C PASTERNACK-PE44650C Datasheet
219Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Blue Color
PE44650H PASTERNACK-PE44650H Datasheet
217Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Violet Color
PE44650I PASTERNACK-PE44650I Datasheet
218Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Beige Color
More results

Similar Description - PE44650D

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44650I PASTERNACK-PE44650I Datasheet
218Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Beige Color
PE44649D PASTERNACK-PE44649D Datasheet
290Kb / 2P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Bordeaux Color
PE44650A PASTERNACK-PE44650A Datasheet
218Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Black Color
PE44650B PASTERNACK-PE44650B Datasheet
216Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, White Color
PE44650C PASTERNACK-PE44650C Datasheet
219Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Blue Color
PE44650H PASTERNACK-PE44650H Datasheet
217Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Violet Color
PE44650K PASTERNACK-PE44650K Datasheet
218Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Curry Color
PE44650Z PASTERNACK-PE44650Z Datasheet
219Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Water Blue Color
PE44651D PASTERNACK-PE44651D Datasheet
223Kb / 3P
FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Bordeaux Color
PE44651K PASTERNACK-PE44651K Datasheet
291Kb / 3P
FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Curry Color
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com