Electronic Components Datasheet Search
  English  ▼

X  

PE44650Z Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44650Z
Description  FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Water Blue Color
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44650Z Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44650Z Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44650Z Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Water Blue Color
Configuration
Connector
FAKRA Jack
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.878 [22.3]
Width/Dia., in [mm]
0.37 [9.40]
Height, in [mm]
0.674 [17.12]
.
Weight, lbs [g]
0.008 [3.63]
Color
Water Blue
Connector
Type
FAKRA Jack
Contact Material and Plating
Phosphor Bronze, Gold
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Plastic
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Water Blue Color from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Water Blue Color
PE44650Z
URL: http://www.pasternack.com/fakra-jack-standard-thru-hole-pcb-connector-pe44650z-p.aspx
PE44650Z
PE44650Z REV 01
FAKRA Jack Right Angle Connector Solder
Attachment Thru Hole PCB, Water Blue Color


Similar Part No. - PE44650Z

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44650A PASTERNACK-PE44650A Datasheet
218Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Black Color
PE44650B PASTERNACK-PE44650B Datasheet
216Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, White Color
PE44650C PASTERNACK-PE44650C Datasheet
219Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Blue Color
PE44650D PASTERNACK-PE44650D Datasheet
218Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Bordeaux Color
PE44650H PASTERNACK-PE44650H Datasheet
217Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Violet Color
More results

Similar Description - PE44650Z

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44649Z PASTERNACK-PE44649Z Datasheet
292Kb / 3P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, Water Blue Color
PE44650I PASTERNACK-PE44650I Datasheet
218Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Beige Color
PE44650A PASTERNACK-PE44650A Datasheet
218Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Black Color
PE44650B PASTERNACK-PE44650B Datasheet
216Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, White Color
PE44650C PASTERNACK-PE44650C Datasheet
219Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Blue Color
PE44650D PASTERNACK-PE44650D Datasheet
218Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Bordeaux Color
PE44650H PASTERNACK-PE44650H Datasheet
217Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Violet Color
PE44650K PASTERNACK-PE44650K Datasheet
218Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Curry Color
PE44651C PASTERNACK-PE44651C Datasheet
223Kb / 3P
FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Blue Color
PE44651Z PASTERNACK-PE44651Z Datasheet
291Kb / 3P
FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Water Blue Color
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com