Electronic Components Datasheet Search
  English  ▼

X  

HWS504_V3 Datasheet(PDF) 2 Page - Hexawave, Inc

Part # HWS504_V3
Description  GaAs 2-6 GHz SPDT Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS504_V3 Datasheet(HTML) 2 Page - Hexawave, Inc

  HWS504_V3 Datasheet HTML 1Page - Hexawave, Inc HWS504_V3 Datasheet HTML 2Page - Hexawave, Inc HWS504_V3 Datasheet HTML 3Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HWS504
GaAs 2-6 GHz SPDT Switch
August 2011 V3
Hexawave Inc. 2 Prosperity Road II, Science-Based Industrial Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Typical Performance Data with
8pFCapacitors @ +25°C
Insertion loss vs. Frequency
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
2
3
4
5
6
Frequency (GHz)
Isolation vs. frequency
-35
-30
-25
-20
-15
-10
2
3
4
5
6
Frequency (GHz)
Input return loss vs. Frequency
-30
-25
-20
-15
-10
-5
2
3
4
5
6
Frequency (GHz)
Output return loss vs, Frequency
-35
-30
-25
-20
-15
-10
2
3
4
5
6
Frequency (GHz)
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Input Power
+37 dBm @ +5V
Control Voltage
+6V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Electrostatic discharge (ESD)
Machine Model
Class M1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com