Electronic Components Datasheet Search
  English  ▼

X  

PE44651D Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44651D
Description  FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Bordeaux Color
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44651D Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44651D Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44651D Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44651D Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Bordeaux Color from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% avail-
ability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Bordeaux Color PE44651D
URL: http://www.pasternack.com/fakra-plug-standard-thru-hole-pcb-connector-pe44651d-p.aspx
FAKRA Plug Right Angle Connector Solder
Attachment Thru Hole PCB, Bordeaux Color
PE44651D
PE44651D REV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com