Electronic Components Datasheet Search
  English  ▼

X  

PE91074 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91074
Description  Precision SMA Female to ZMA Jack Adapter 3 Lug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91074 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91074 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91074 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91074 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Connector 2
Type
ZMA Jack
Inner Conductor Material and Plating
Beryllium Copper, Gold
InnerConductorPlatingSpecification
MIL-G-45204
Outer Conductor Material and Plating
Passivated Stainless Steel
OuterConductorPlatingSpecification
ASTMA830
Body Material and Plating
Passivated Stainless Steel
BodyPlatingSpecification
ASTMA830
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Precision SMA Female to ZMA Jack Adapter 3 Lug from Pasternack Enterprises has same day shipment for domestic and
Internationalorders.OurRF,microwaveandfiberopticproductsmaintaina99%availabilityandarepartofthebroadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: Precision SMA Female to ZMA Jack Adapter 3 Lug PE91074
URL: http://www.pasternack.com/sma-female-zma-jack-straight-adapter-pe91074-p.aspx
PE91074
PE91074 REV 1.1
Precision SMA Female to ZMA Jack Adapter 3 Lug



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com