Electronic Components Datasheet Search
  English  ▼

X  

PE91075 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91075
Description  Precision SMA Female to ZMA Plug Adapter 3 Lug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91075 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91075 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91075 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91075 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Connector 2
Type
ZMA Plug
Inner Conductor Material and Plating
Beryllium Copper, Gold
InnerConductorPlatingSpecification
MIL-G-45204
Coupling Nut Material and Plating
Passivated Stainless Steel
CouplingNutPlatingSpecification
ASTMA830
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Precision SMA Female to ZMA Plug Adapter 3 Lug from Pasternack Enterprises has same day shipment for domestic and
Internationalorders.OurRF,microwaveandfiberopticproductsmaintaina99%availabilityandarepartofthebroadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: Precision SMA Female to ZMA Plug Adapter 3 Lug PE91075
URL: http://www.pasternack.com/sma-female-zma-plug-straight-adapter-pe91075-p.aspx
PE91075
PE91075 REV 1.1
Precision SMA Female to ZMA Plug Adapter 3 Lug



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com