Electronic Components Datasheet Search
  English  ▼

X  

800-034 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 800-034
Description  Overmolded Cordsets
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

800-034 Datasheet(HTML) 1 Page - Glenair, Inc.

  800-034 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
C-28
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
C
Series 800 Cordsets with #20HD Contacts
Sample Part Number
800-041
-A
C
K
0
M
8-28
N
X
-36
Series
End A
Connector
End B Connector
Plug Style
Wire
Size
Shell Material /
Finish
Insert Arr.
Protective
Cover
Shell Key
Pos.
Length
800-041
Style 1
Polyurethane
Cable Jacket,
Polyamide
Overmold,
#20HD
Contacts
800-057
Style 2
Rubber
Cable Jacket
and Rubber
Overmold,
-A
Plug, with Male
Pin Contacts
-B
Plug, with
Female Socket
Contacts
-C
Receptacle,
with Male Pin
Contacts
-D
Receptacle,
with Female
Socket Contacts
A
Plug, with Male
Pin Contacts
B
Plug, with
Female Socket
Contacts
C
Receptacle,
with Male Pin
Contacts
D
Receptacle,
with Female
Socket Contacts
N
No Connector
(Single-Ended)
K
Round Knurled
Coupling Nut
KL
Round Knurled
Coupling Nut,
Self-Locking
H
Hex Coupling
Nut
HL
Hex Coupling
Nut, Self-
Locking
N
Receptacle
Cable
0
#20
AWG
2
#22
AWG
M
Aluminum /
Electroless Nickel
NF
Aluminum /
Cadmium with
OD Chromate
ZNU
Aluminum / Zinc-
Nickel with Black
Chromate
MT
Aluminum /
Nickel-PTFE
Z1
Stainless Steel /
Passivated
See Cont.
Arr. page
C-2
Consult
Factory for
Combo Arr.
P
Metal
Protective
Covers
Included
N
No Covers
Supplied
N
Normal
X
Pos. X
Y
Pos. Y
Z
Pos. Z
See page
C-3
Overall
Length
In Inches
12 Inch
Min.
Series 800 Cordsets with #23 Contacts
Sample Part Number
800-034
-A
C
K
2
M
8-28
N
X
-36
Series
End A
Connector
End B
Connector
Plug Style
Wire
Size
Shell Material/
Finish
Insert Arr.
Protective
Cover
Shell Key
Pos.
Length
800-034
Style 1
Polyurethane
Cable Jacket,
Polyamide
Overmold
800-056
Style 2
Rubber
Cable Jacket
and Rubber
Overmold,
#23 Contacts
-A
Plug, with Male
Pin Contacts
-B
Plug, with
Female Socket
Contacts
-C
Receptacle,
with Male Pin
Contacts
-D
Receptacle,
with Female
Socket Contacts
A
Plug, with Male
Pin Contacts
B
Plug, with
Female Socket
Contacts
C
Receptacle,
with Male Pin
Contacts
D
Receptacle,
with Female
Socket Contacts
N
No Connector
(Single-Ended)
K
Round
Knurled
Coupling Nut
KL
Round
Knurled
Coupling Nut,
Self-Locking
H
Hex Coupling
Nut
HL
Hex Coupling
Nut, Self-
Locking
N
Receptacle
Cable
2
#22
AWG
4
#24
AWG
M
Aluminum /
Electroless Nickel
NF
Aluminum /
Cadmium with
OD Chromate
ZNU
Aluminum / Zinc-
Nickel with Black
Chromate
MT
Aluminum /
Nickel-PTFE
Z1
Stainless Steel /
Passivated
See Cont.
Arr. Page
C-2
Consult
Factory for
Combo Arr.
P
Metal
Protective
Covers
Included
N
No Covers
Supplied
N
Normal
X
Pos. X
Y
Pos. Y
Z
Pos. Z
See page
C-3
Overall
Length In
Inches
12 Inch
Min.
Series 800 Mighty Mouse with UN Mating Thread
Overmolded Cordsets
800-034, -056, -041, and -057 Ordering Information


Similar Part No. - 800-034

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-034-AAK2C5-3 GLENAIR-800-034-AAK2C5-3 Datasheet
91Kb / 2P
Overmolded Cordsets
800-034-AAK2C6-1 GLENAIR-800-034-AAK2C6-1 Datasheet
91Kb / 2P
Overmolded Cordsets
800-034-AAK2M5-3 GLENAIR-800-034-AAK2M5-3 Datasheet
91Kb / 2P
Overmolded Cordsets
800-034-AAK2M6-1 GLENAIR-800-034-AAK2M6-1 Datasheet
91Kb / 2P
Overmolded Cordsets
800-034-AAK4C5-3 GLENAIR-800-034-AAK4C5-3 Datasheet
91Kb / 2P
Overmolded Cordsets
More results

Similar Description - 800-034

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
84702-0005 MOLEX-84702-0005 Datasheet
535Kb / 2P
RJ-45 EtherNet/IP* Overmolded Cordsets, IDT and PCB Receptacles
logo
Glenair, Inc.
800-033-AAK2C5-3 GLENAIR-800-033-AAK2C5-3 Datasheet
91Kb / 2P
Overmolded Cordsets
800-038 GLENAIR-800-038 Datasheet
133Kb / 1P
Overmolded Cordsets
802-019 GLENAIR-802-019 Datasheet
133Kb / 1P
Shielded Overmolded Harsh Environment Cordsets
802-026 GLENAIR-802-026 Datasheet
132Kb / 1P
Shielded Overmolded Harsh Environment Cordsets
logo
Coto Technology
CM15S COTO-CM15S Datasheet
1Mb / 3P
Overmolded DYAD
logo
Littelfuse
59045 LITTELFUSE-59045 Datasheet
588Kb / 3P
Overmolded Reed Switches
59050 LITTELFUSE-59050 Datasheet
594Kb / 3P
Overmolded Reed Switches
59165 LITTELFUSE-59165 Datasheet
516Kb / 3P
Overmolded Reed Switches
59170 LITTELFUSE-59170 Datasheet
545Kb / 3P
Overmolded Reed Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com