Electronic Components Datasheet Search
  English  ▼

X  

G9821 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # G9821
Description  InGaAs PIN photodiodes with preamp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G9821 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  G9821 Datasheet HTML 1Page - Hamamatsu Corporation G9821 Datasheet HTML 2Page - Hamamatsu Corporation G9821 Datasheet HTML 3Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
InGaAs PIN photodiodes with preamp
G9821 series
Receptacle type, 1.3/1.55 μm, 2.5 Gbps
www.hamamatsu.com
1
Features
High-speed response
Low power supply voltage: 3.3 V
Sensitivity: -25.5 to +1 dBm
High gain with AGC (auto gain control)
Differential output
Applications
Optical fiber communications
Gigabit Ethernet
Fiber channel
SDH/SONET (STM-16/OC-48)
The G9821 series may be damaged by electrostatic discharge, etc. Be careful when using the G9821 series.
The G9821 series is a family of high-speed receivers specifically developed for 1.3/1.55 μm band optical fiber
communications. These devices incorporate a high-speed, high-sensitivity InGaAs PIN photodiode and a high-speed preamp
integrated in a receptacle module. Packages are available with various connectors and mounting styles.
Absolute maximum ratings
Parameter
Symbol
Condition
Value
Unit
Supply voltage
Vcc
-0.5, +5.0
V
Operation temperature
Topr
No dew condensation*1
-40 to +85
°C
Storage temperature
Tstg
No dew condensation*1
-40 to +85
°C
*1: When there is a temperature difference between a product and the surrounding area in high humidity environment, dew condensation
may occur on the product surface. Dew condensation on the product may cause deterioration in characteristics and reliability.
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the product
within the absolute maximum ratings.
Electrical and optical characteristics (Ta=25 °C, Vcc=3.3 V, Vee=0 V, RL=50 Ω*2, λ=1.31 μm, unless otherwise noted)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Photosensitivity
S
Pin=-22 dBm *2 *3 *4
1.0
1.5
-
V/mW
Supply current
Icc
Dark state, RL=∞
-45
60
mA
Output bias voltage
Vo
Dark state, RL=∞
-3.0-
V
Cutoff frequency
fc
Pin=-22 dBm, -3 dB *3
1.7
2.1
-
GHz
Low cutoff frequency
fc-L
Pin=-22 dBm, -3 dB
-
3.0
-
kHz
Noise equivalent power
NEP
Dark state, to 1875 MHz *3 *4
-310
500
nW rms
Minimum receivable sensitivity
Pmin
2.5 Gbps, PRBS=223-1
BER=10-10
Extinction ratio=10 dB
-
-25.5
-23.5
dBm
Maximum receivable sensitivity
Pmax
+1
-
-
Output impedance
Rout
40
50
60
Ω
Optical return loss
ORL
1.31/1.55 μm12
14
-
dB
*2: Using a single mode optical fiber with a master plug
*3: Output: capacitive coupling
*4: Single-ended (Vout+) measurement


Similar Part No. - G9821

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G982 GMT-G982 Datasheet
83Kb / 1P
300mA Low-Noise LDO Regulators
logo
Hamamatsu Corporation
G9820 HAMAMATSU-G9820 Datasheet
90Kb / 2P
InGaAs PIN photodiode with preamp
G9822 HAMAMATSU-G9822 Datasheet
167Kb / 3P
InGaAs PIN photodiodes with preamp
More results

Similar Description - G9821

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8339 HAMAMATSU-G8339 Datasheet
118Kb / 2P
InGaAs PIN photodiode with preamp
G9128 HAMAMATSU-G9128 Datasheet
129Kb / 2P
InGaAs PIN photodiode with preamp
logo
Eudyna Devices Inc
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
InGaAs-PIN/Preamp Preamp
logo
Hamamatsu Corporation
G10342-14 HAMAMATSU-G10342-14 Datasheet
219Kb / 2P
InGaAs PIN photodiode with preamp
logo
Unity Opto Technology
MCD-3P4C-312 UOT-MCD-3P4C-312 Datasheet
69Kb / 2P
InGaAs PIN PHOTODIODES
logo
Hamamatsu Corporation
G12180-003A HAMAMATSU-G12180-003A Datasheet
161Kb / 4P
InGaAs PIN photodiodes
G11193 HAMAMATSU-G11193_15 Datasheet
200Kb / 4P
InGaAs PIN photodiodes
G9822 HAMAMATSU-G9822 Datasheet
167Kb / 3P
InGaAs PIN photodiodes with preamp
G12181 HAMAMATSU-G12181_15 Datasheet
312Kb / 6P
InGaAs PIN photodiodes
G12183 HAMAMATSU-G12183_15 Datasheet
353Kb / 6P
InGaAs PIN photodiodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com