Electronic Components Datasheet Search
  English  ▼

X  

970-008 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 970-008
Description  PowerTrip Connectors and Accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

970-008 Datasheet(HTML) 1 Page - Glenair, Inc.

  970-008 Datasheet HTML 1Page - Glenair, Inc. 970-008 Datasheet HTML 2Page - Glenair, Inc. 970-008 Datasheet HTML 3Page - Glenair, Inc. 970-008 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
29
B
D
© 2013 Glenair, Inc.
Series 970 PowerTrip™
CAGE Code 06324
Printed in U.S.A.
Series 970 PowerTrip™ Connectors and Accessories
Receptacle Connectors
970-008 PC Tail Receptacles
Series 970 PowerTrip™ receptacles with size #8 PC tail contacts for direct termination to
circuit boards. Contacts are factory-installed and are non-removable.These connectors
feature high current LouverBand contacts. Coupling threads are triple-start ACME
type. EMI protected with ground spring and splined backshell interface. Standard
contacts are silver plated high conductivity copper alloy, or choose gold-plated contacts
for improved corrosion protection. Fluorosilicone rubber gaskets and epoxy potting
provide watertight sealing. Connector shell has integral standoffs.
970-008 RECEPTACLES WITH SIZE #8 PC TAILS
HOW TO ORDER
SERIES
SHELL MATL
AND FINISH
SHELL SIZE - INSERT
ARRANGEMENT
CONTACT TYPE
AND PLATING
PC TAIL
LENGTH
MOUNTING
HOLE OPTION
KEY
POS.
970-008
Low Profile
Square
Flange
Panel Mount
Receptacle
with Printed
Circuit
Terminals
ME
Aluminum,
Electroless
Nickel Finish
MT
Aluminum,
Nickel-PTFE
Finish
NF
Aluminum,
Olive Drab
Cadmium
ZR
Aluminum,
Black Zinc-
Nickel Finish
Z1
Passivated
Stainless Steel
18-2
2 #8
P1
Pin Contacts, Silver
Plating*
P2
Pin Contacts, Gold
Plating
S1
Socket Contacts,
Silver Plating*
S2
Socket Contacts,
Gold Plating
* Size 12 and 16
contacts are
gold-plated. Size
8, 4 and 1/0 are
silver plated.
A
.125 (3.18)
B
.250 (6.35)
C
.375 (9.53)
N
Thru-Hole
T
Clinch Nuts
Installed in
Mounting Holes
for Back Panel
Mounting.
-1
Position 1
-2
Position 2
-3
Position 3
-4
Position 4
-5
Position 5
-6
Position 6
18-4
2 #8, 2 #12
20-3
3 #8
20-4
4 #8
20-5
3 #8, 2 #12
20-7
3 #8, 4 #16
24-5
5 #8
Sample Part Number
970-008
MT
24-5
P2
A
N
-1
PRODUCT FACTS
2000 VAC Sea Level DWV Rating
-65°C to +200°C Operating Temperature
6 Feet Water Immersion, 48 Hours
65 dB min. Attenuation, up to 10GHz
500 Cycles Mating Durability
MIL-S 901 Grade A High-Impact Shock
43 g Random Vibration
• EMI Protected
• High Current Contacts
• PC Board terminals
• Harsh Environment


Similar Part No. - 970-008

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
970-0080 DURATOOL-970-0080 Datasheet
156Kb / 2P
Hand Hole Cutters
15/11/11 V1.1
More results

Similar Description - 970-008

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-970J GLENAIR-240-970J Datasheet
368Kb / 2P
PowerTrip Connectors and Accessories
370-024 GLENAIR-370-024 Datasheet
691Kb / 3P
PowerTrip Connectors and Accessories
390-055 GLENAIR-390-055 Datasheet
681Kb / 3P
PowerTrip Connectors and Accessories
390PS036 GLENAIR-390PS036 Datasheet
254Kb / 2P
PowerTrip Connectors and Accessories
970-001 GLENAIR-970-001 Datasheet
338Kb / 2P
PowerTrip Connectors and Accessories
970-003 GLENAIR-970-003 Datasheet
327Kb / 2P
PowerTrip Connectors and Accessories
970-004 GLENAIR-970-004 Datasheet
367Kb / 2P
PowerTrip Connectors and Accessories
970-005 GLENAIR-970-005 Datasheet
382Kb / 2P
PowerTrip Connectors and Accessories
970-006 GLENAIR-970-006 Datasheet
506Kb / 2P
PowerTrip Connectors and Accessories
970-011 GLENAIR-970-011 Datasheet
338Kb / 2P
PowerTrip Connectors and Accessories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com