Electronic Components Datasheet Search
  English  ▼

X  

SB460 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # SB460
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SB460 Datasheet(HTML) 2 Page - Unisonic Technologies

  SB460 Datasheet HTML 1Page - Unisonic Technologies SB460 Datasheet HTML 2Page - Unisonic Technologies SB460 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB460
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
VER.a
ABSOLUTE MAXIMUM RATINGS (TA =25°C unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Working Peak Reverse Voltage
VRWM
60
V
Peak Repetitive Reverse Voltage
VRRM
60
V
RMS Reverse Voltage
VR(RMS)
42
V
DC Blocking Voltage
VR
60
V
Average Rectified Output Current
IO
4.0
A
Non-repetitive Peak Forward Surge Current 8.3 ms
Single Half-Sine-Wave
IFSM
150
A
Operating Temperature
TJ
-65~+150
°C
Storage Temperature
TSTG
-65~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. These ratings are limiting values above which the serviceability of any semiconductor device may be
impaired.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
50
°C/W
ELECTRICAL CHARACTERISTICS (TA =25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage (Note 1)
V(BR)R
IR=0.50mA
60
V
IF=4.0A, TJ=25°C
0.67
V
Forward Voltage Drop
VFM
IF=4.0A, TJ=100°C
0.62
V
VR=60V, TJ=25°C
500
μA
Leakage Current (Note 1)
IRM
VR=60V, TJ=100°C
25
mA
Notes: 1. Short duration pulse test used to minimize self-heating effect.
2. Thermal resistance junction to case mounted on heatsink.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com