Electronic Components Datasheet Search
  English  ▼

X  

1300940468 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300940468
Description  Heavy Duty Support Grip, Double Eye, Double Weave, Split Lace, Cable Diameter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1300940468 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300940468 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300940468
Status:
Active
Overview:
Support Grips
Description:
Heavy Duty Support Grip, Double Eye, Double Weave, Split Lace, Cable Diameter
31.75-37.85mm (1.250-1.490"), Approximate Break Strength 2140.96kg (4720 lbs)
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR32159
General
Product Family
Cable Grips
Series
130094
Eye Type
Double
O-Ring
N/A
Overview
Support Grips
Product Literature Order No
987650-8065
Product Name
Heavy Duty
Type
Support Grip
UPC
78678835442
Woodhead
Yes
Physical
Approximate Break Strength
2140.96kg (4720 lbs)
Bale Length
0.254m (10.00")
Body Style
Straight
Cable Diameter
31.75-37.85mm (1.250-1.490")
Color - Grommet
N/A
Gender
N/A
Material - Body
N/A
Material - Grip
Non-magnetic Tin Bronze Wire
Mesh Length
0.787m (31.00")
Number of Holes
N/A
Thread Size
N/A
Material Info
Old Part Number
35442
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130094 Series
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1300940468

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300940461 MOLEX11-1300940461 Datasheet
30Kb / 1P
Heavy Duty Support Grip, Single Eye, Double Weave, Closed Mesh, Cable Diameter
1300940463 MOLEX11-1300940463 Datasheet
30Kb / 1P
Heavy Duty Support Grip, Single Eye, Double Weave, Closed Mesh, Cable Diameter
1300940463 MOLEX-1300940463 Datasheet
30Kb / 1P
Heavy Duty Support Grip, Single Eye, Double Weave, Closed Mesh, Cable Diameter 38.10-50.55mm (1.500-1.990), Approximate Break Strength 2140.96kg (4720 lbs)
07/27/2021
1300940464 MOLEX11-1300940464 Datasheet
29Kb / 1P
Heavy Duty Support Grip, Single Eye, Double Weave, Closed Mesh, Cable Diameter
1300940465 MOLEX11-1300940465 Datasheet
30Kb / 1P
Heavy Duty Support Grip, Double Eye, Double Weave, Split Lace, Cable Diameter
More results

Similar Description - 1300940468

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130094-0468 MOLEX11-130094-0468 Datasheet
38Kb / 1P
Heavy Duty Support Grip, Double Eye, Double Weave, Split Lace, Cable Diameter
130094-0472 MOLEX11-130094-0472 Datasheet
38Kb / 1P
Heavy Duty Support Grip, Double Eye, Double Weave, Split Lace, Cable Diameter
130094-0473 MOLEX11-130094-0473 Datasheet
33Kb / 1P
Heavy Duty Support Grip, Double Eye, Double Weave, Split Lace, Cable Diameter
130094-0474 MOLEX11-130094-0474 Datasheet
38Kb / 1P
Heavy Duty Support Grip, Double Eye, Double Weave, Split Lace, Cable Diameter
1300940465 MOLEX11-1300940465 Datasheet
30Kb / 1P
Heavy Duty Support Grip, Double Eye, Double Weave, Split Lace, Cable Diameter
1300940470 MOLEX11-1300940470 Datasheet
30Kb / 1P
Heavy Duty Support Grip, Double Eye, Double Weave, Split Lace, Cable Diameter
1300940471 MOLEX11-1300940471 Datasheet
29Kb / 1P
Heavy Duty Support Grip, Double Eye, Double Weave, Split Lace, Cable Diameter
1300940476 MOLEX11-1300940476 Datasheet
30Kb / 1P
Heavy Duty Support Grip, Double Eye, Double Weave, Split Lace, Cable Diameter
1300940478 MOLEX11-1300940478 Datasheet
30Kb / 1P
Heavy Duty Support Grip, Double Eye, Double Weave, Split Lace, Cable Diameter
1300940479 MOLEX11-1300940479 Datasheet
30Kb / 1P
Heavy Duty Support Grip, Double Eye, Double Weave, Split Lace, Cable Diameter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com