Electronic Components Datasheet Search
  English  ▼

X  

GF1400SL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GF1400SL
Description  Thermally Conductive, Self-Leveling, Liquid Gap Filling Material
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GF1400SL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GF1400SL Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Allstatements,technicalinformationandrecommendationshereinarebasedontestswebelievetobereliable,and
THEFOLLOWINGISMADEINLIEUOFALLWARRANTIES,EXPRESSEDORIMPLIED,INCLUDINGTHEIMPLIED
WARRANTIESOFMARKETABILITYANDFITNESSFORPURPOSE.Sellers’andmanufacturers’onlyobligationshallbeto
replacesuchquantityoftheproductprovedtobedefective.Beforeusing,usershalldeterminethesuitabilityoftheproduct
foritsintendeduse,andtheuserassumesallrisksandliabilitywhatsoeverinconnectiontherewith.NEITHERSELLERNOR
MANUFACTURERSHALLBELIABLEEITHERINTORTORINCONTRACTFORANYLOSSORDAMAGE,DIRECT,
INCIDENTAL,ORCONSEQUENTIAL,INCLUDINGLOSSOFPROFITSORREVENUEARISINGOUTOFTHEUSEOR
THEINABILITYTOUSEAPRODUCT.Nostatement,purchaseorderorrecommendationsbysellerorpurchasernot
containedhereinshallhaveanyforceoreffectunlessinanagreementsignedbytheofficersofthesellerandmanufacturer.
PDS_GF1400SL_0715
Gap Filler 1400SL
ThermallyConductive,Self-Leveling,LiquidGapFillingMaterial
FeaturesandBenefits
•ThermalConductivity:1.4W/m-K
• Self-Leveling
• VerySoft
• VibrationDampening
GapFiller1400SLisatwo-part,thermally
conductive,siliconebased,liquidgapfilling
material.Thismaterialhasanextremelylow
viscositytoenableself-levelingandfillingof
voidsresultinginexcellentthermaltransfer.
Unlikecuredthermalpadmaterials,aliquid
approachoffersinfinitethicknessvariations
withlittleornostresstothesensitive
componentsduringassembly.Ascured,
GapFiller1400SLprovidesasoft,thermally
conductive,form-in-placeelastomerthatis
idealforfragileassembliesandfillingunique
andintricategaps.
GapFiller1400SLexhibitslowlevelnatural
tackcharacteristicsandisintendedforusein
applicationswhereastrongstructuralbond
isnotrequired.
Dispensing
Duetoitslowviscositynature,
GapFiller1400SLwillsettleuponstorage.
Eachcontainermustbethoroughlymixed
beforecombiningPartAandPartBviastatic
mixeranddispensingintoapplication.
TypicalApplications:
• Automotiveelectronics
• Lighting
• Telecommunications
• PowerSupplies
• Encapsulatingsemiconductorsandmagneticcomponentswithheatsink
• Siliconesensitiveapplications
ConfigurationsAvailable:
•Availablefororderin1200cckitsand7gallonpailformats
BuildingaPartNumber
StandardOptions
www.bergquistcompany.com
The Bergquist Company -
North American Headquarters
18930West78thStreet
Chanhassen,MN55317
Phone:800-347-4572
Fax:952-835-0430
The Bergquist Company -
European Headquarters
Netherlands
Phone:31-35-5380684
Fax:31-35-5380295
The Bergquist Company -
Asia Headquarters
HongKong
Phone:852-2690-9296
Fax:852-2690-3408
TYPICAL PROPERTIES OF GAP FILLER 1400SL
PROPERTY
IMPERIAL VALUE METRIC VALUE TEST METHOD
Color / Part A
Yellow
Yellow
Visual
Color / Part B
White
White
Visual
Viscosity, As Mixed (cps) (1)
5000
5000
ASTM D2196
Density (g/cc)
2.5
2.5
ASTM D792
Mix Ratio
1:1
1:1
—
Shelf Life @ 25°C (months) (2)
6
6
—
PROPERTY AS CURED
Color
Yellow
Yellow
Visual
Hardness (Shore 00) (3)
40
40
ASTM D2240
Heat Capacity (J/g-K)
0.9
0.9
ASTM D1269
Siloxane Content, ∑D4-D10(ppm)
40
40
—
Continuous Use Temp (°F) / (°C)
-76 to 392
-60 to 200
—
ELECTRICAL AS CURED
Dielectric Strength (V/mil)
250
250
ASTM D149
Dielectric Constant (1000 Hz)
6.0
6.0
ASTM D150
Volume Resistivity (Ohm-meter)
1011
1011
ASTM D257
Flame Rating
V-O
V-O
U.L. 94
THERMAL AS CURED
Thermal Conductivity (W/m-K)
1.4
1.4
ASTM D5470
CURE SCHEDULE
Working Time @ 25°C (4)
120 min
120 min
—
Cure @ 25°C (hrs)(4)
24
24
—
Cure @ 100°C (min) (4)
30
30
—
(1) Brookfield Rheometer, Part A and Part B mixed 1:1 ratio.
(2) See application note for storage and handling recommendations.
(3) Thirty second delay value, Shore 00 scale.
(4) Parallel Plate Rheometer, see reactivity application note.
NA = Selected standard option.If not selecting a standard
option,insert company name,drawing number,and
revision level.
GF1400SL = Gap Filler 1400SL Material
GF1400SL
00
120 1200cc
NA
Note: To build a part number,visit our website at www.bergquistcompany.com.
00 = No spacer beads
WorkingTime: 120 = 120 minutes
Kits: 1200cc = 1200.0cc,or 7G = 7 gallon
––
–
–


Similar Part No. - GF1400SL

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GF14 EUROQUARTZ-GF14 Datasheet
222Kb / 1P
14 pin Dual-in-Line
logo
Mercury United Electron...
GF14 MERCURY-GF14 Datasheet
104Kb / 1P
Dip type CMOS output
logo
STMicroelectronics
GF14NC60KD STMICROELECTRONICS-GF14NC60KD Datasheet
833Kb / 17P
N-channel 14A - 600V - TO-220 - TO-220FP - D2PAK Short circuit rated PowerMESH TM IGBT
28-Apr-2006
More results

Similar Description - GF1400SL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GF3500LV ETC2-GF3500LV Datasheet
376Kb / 1P
Thermally Conductive, Low Outgassing, Liquid Gap Filling Material
HF-300P ETC2-HF-300P Datasheet
448Kb / 2P
Electrically Insulating,Thermally Conductive Phase Change Material
LB-EA-1805 ETC2-LB-EA-1805 Datasheet
333Kb / 2P
Thermally Conductive, Two-Part,Liquid Epoxy Adhesive
LB-SA-1000 ETC2-LB-SA-1000 Datasheet
409Kb / 2P
Thermally Conductive, One-Part,Liquid Silicone Adhesive
LB-SA-1800 ETC2-LB-SA-1800 Datasheet
384Kb / 2P
Thermally Conductive, One-Part,Liquid Silicone Adhesive
LB-SA-2000 ETC2-LB-SA-2000 Datasheet
484Kb / 2P
Thermally Conductive, One-Part,Liquid Silicone Adhesive
LB-SA-3505 ETC2-LB-SA-3505 Datasheet
483Kb / 2P
Thermally Conductive,Two-Part,Liquid Silicone Adhesive
TIC-650P ETC2-TIC-650P Datasheet
282Kb / 2P
Electrically Insulating, High Performance,Thermally Conductive Phase Change Material
logo
3M Electronics
08307 3M-08307 Datasheet
47Kb / 4P
Self-Leveling SeamSealer
Jul-2017
logo
Henkel Korea Limited.
2500S20 HENKEL-2500S20 Datasheet
77Kb / 1P
Highly Conformable,Thermally Conductive, Reinforced “S-Class” Gap Filling Material
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com