Electronic Components Datasheet Search
  English  ▼

X  

GP-2000S40 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GP-2000S40
Description  Highly conformable, low hardness
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GP-2000S40 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GP-2000S40 Datasheet HTML 1Page - List of Unclassifed Manufacturers GP-2000S40 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Gap Pad® 2000S40 is recommended for
low-stress applications that require a mid
to high thermally conductive interface
material.The highly conformable nature
of the material allows the pad to fill in air
voids and air gaps between PC boards
and heat sinks or metal chassis with
stepped topography, rough surfaces and
high stack-up tolerances.
Gap Pad® 2000S40 is offered with inherent
natural tack on both sides of the material
allowing for stick-in-place characteristics
during application assembly.The material
is supplied with protective liners on both
sides.The top side has reduced tack for
ease of handling.
Note: To build a part number, visit our
website at www.bergquistcompany.com.
Gap Pad® 2000S40
TYPICAL APPLICATIONS INCLUDE
• Power electronics DC/DC; 1/4, 1/2, full bricks, etc.
• Mass storage devices
• Graphics card/processor/ASIC
• Wireline/wireless communications hardware
• Automotive engine/transmission controls
CONFIGURATIONS AVAILABLE
• Sheet form and die-cut parts
PDS_GP_2000S40_0711
FEATURES AND BENEFITS
• Thermal conductivity: 2.0 W/m-K
• Low “S-Class” thermal resistance at very
low pressures
• Highly conformable, low hardness
• Designed for low-stress applications
• Fiberglass reinforced for puncture,
shear and tear resistance
PRODUCT DESCRIPTION
Highly Conformable,Thermally Conductive,
Reinforced “S-Class” Gap Filling Material
July 2011
PROPERTY
IMPERIAL VALUE
METRIC VALUE
TEST METHOD
Color
Gray
Gray
Visual
Reinforcement Carrier
Fiberglass
Fiberglass
—
Thickness (inch) / (mm)
0.020 to 0.125
0.508 to 3.175
ASTM D374
Inherent Surface Tack (1 side)
2
2
—
Density (Bulk Rubber) (g/cc)
2.9
2.9
ASTM D792
Heat Capacity (J/g-K)
0.6
0.6
ASTM E1269
Hardness (BulkRubber) (Shore 00) (1)
30
30
ASTM D2240
Young's Modulus (psi) / (kPa) (2)
45
310
ASTM D575
Continuous Use Temp (°F) / (°C)
-76 to 392
-60 to 200
—
ELECTRICAL
Dielectric Breakdown Voltage (Vac)
>5000
>5000
ASTM D149
Dielectric Constant (1000 Hz)
6.0
6.0
ASTM D150
Volume Resistivity (Ohm-meter)
1011
1011
ASTM D257
Flame Rating
V-O
V-O
U.L. 94
THERMAL
Thermal Conductivity (W/m-K)
2.0
2.0
ASTM D5470
THERMAL PERFORMANCE vs. STRAIN
Deflection (% strain)
10
20
30
Thermal Impedance (°C-in2/W) 0.040" (3)
0.97
0.89
0.80
1) Thirty second delay value Shore 00 hardness scale. 2)Young’s Modulus, calculated using 0.01 in/min.step rate of strain
with a sample size of 0.79 inch2. 3) The ASTM D5470 test fixture was used.The recorded value includes interfacial ther-
mal resistance. These values are provided for reference only. Actual application performance is directly related to the
surface roughness, flatness and pressure applied.
TYPICAL PROPERTIES OF GAP PAD 2000S40
0.20
0.50
1.50
1.00
2.00
2.50
125
100
75
50
25
0
Thickness vs. Thermal Resistance
Gap Pad 2000S40
Thermal Resistance (C-in2/W)


Similar Part No. - GP-2000S40

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
GP-20B PERKINELMER-GP-20B Datasheet
67Kb / 4P
Triggered Spark Gaps
More results

Similar Description - GP-2000S40

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S11ME5 SHARP-S11ME5 Datasheet
56Kb / 4P
Phototriac Coupler Conformable to European Safety Standard
logo
Advanced Micro Devices
ELANSC300 AMD-ELANSC300 Datasheet
1Mb / 139P
Highly Integrated, Low-Power, 32-Bit Microcontroller
logo
List of Unclassifed Man...
GP-1500 ETC2-GP-1500 Datasheet
395Kb / 2P
Conformable, low hardness
logo
Sharp Corporation
S21ME5PY SHARP-S21ME5PY Datasheet
80Kb / 5P
Phototriac Coupler Conformable to European Safety Standard
S21ME6IY SHARP-S21ME6IY Datasheet
80Kb / 5P
Phototriac Coupler Conformable to European Safety Standard
logo
Cirrus Logic
CS47L90 CIRRUS-CS47L90 Datasheet
207Kb / 2P
Low Power, Highly Integrated Smart Audio Codec
logo
3M Electronics
9948 3M-9948 Datasheet
48Kb / 2P
3MTM Single Coated Conformable Incise Medical Tape
May-2009
9343 3M-9343 Datasheet
137Kb / 4P
3M??Conformable Sound Management Film 9343
logo
Henkel Korea Limited.
2500S20 HENKEL-2500S20 Datasheet
77Kb / 1P
Highly Conformable,Thermally Conductive, Reinforced “S-Class” Gap Filling Material
logo
Qingdao Hantek Electron...
HT360 HANTEK-HT360 Datasheet
1Mb / 46P
Leeb Hardness Tester
2022.12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com