Electronic Components Datasheet Search
  English  ▼

X  

GP-A3000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GP-A3000
Description  Thermal conductivity: 2.6 W/m-K
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GP-A3000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GP-A3000 Datasheet HTML 1Page - List of Unclassifed Manufacturers GP-A3000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Gap Pad® A3000 is a thermally conductive,
filled-polymer laminate, supplied on a
reinforcing mesh for added electrical
isolation, easy material handling and
enhanced puncture, shear and tear
resistance. Gap Pad® A3000 has a
reinforcement layer on the dark gold
side of the material that assists in burn-in
and rework processes while the light gold
and soft side of the material allows for
added compliance.
Note: To build a part number, visit our
website at www.bergquistcompany.com.
Gap Pad® A3000
TYPICAL APPLICATIONS INCLUDE
• Computer and peripherals
• Telecommunications
• Heat pipe assemblies
• RDRAM™ memory modules
• CDROM/DVD cooling
• Between CPU and heat spreader
• Area where heat needs to be transferred to a frame, chassis or other
type of heat spreader
CONFIGURATIONS AVAILABLE
• Sheet form, die-cut parts and roll form (converted or unconverted)
PDS_GP_A3000_0711
FEATURES AND BENEFITS
• Thermal conductivity: 2.6 W/m-K
• Fiberglass reinforced for puncture,
shear and tear resistance
• Reduced tack on one side to aid in
application assembly
• Electrically isolating
PRODUCT DESCRIPTION
Thermally Conductive, Reinforced
Gap Filling Material
July 2011
PROPERTY
IMPERIAL VALUE
METRIC VALUE
TEST METHOD
Color
Gold
Gold
Visual
Reinforcement Carrier
Fiberglass
Fiberglass
—
Thickness (inch) / (mm)
0.015 to 0.125
0.381 to 3.175
ASTM D374
Inherent Surface Tack (1 side)
1
1
—
Density (Bulk Rubber) (g/cc)
3.2
3.2
ASTM D792
Heat Capacity (J/g-K)
1.0
1.0
ASTM E1269
Hardness (BulkRubber) (Shore 00) (1)
80
80
ASTM D2240
Young's Modulus (psi) / (kPa) (2)
50
344
ASTM D575
Continuous Use Temp (°F) / (°C)
-76 to 392
-60 to 200
—
ELECTRICAL
Dielectric Breakdown Voltage (Vac)
>5000
>5000
ASTM D149
Dielectric Constant (1000 Hz)
7.0
7.0
ASTM D150
Volume Resistivity (Ohm-meter)
1010
1010
ASTM D257
Flame Rating
V-O
V-O
U.L. 94
THERMAL
Thermal Conductivity (W/m-K)
2.6
2.6
ASTM D5470
THERMAL PERFORMANCE vs. STRAIN
Deflection (% strain)
10
20
30
Thermal Impedance (°C-in2/W) 0.040" (3)
0.78
0.73
0.68
1) Thirty second delay value Shore 00 hardness scale. 2)Young’s Modulus, calculated using 0.01 in/min.step rate of strain
with a sample size of 0.79 inch2. 3) The ASTM D5470 test fixture was used.The recorded value includes interfacial ther-
mal resistance. These values are provided for reference only. Actual application performance is directly related to the
surface roughness, flatness and pressure applied.
TYPICAL PROPERTIES OF GAP PAD A3000
0.10 0.30 0.50 0.70
1.10
0.90
1.50
1.30
1.70
125
115
95
75
55
35
Thickness vs. Thermal Resistance
Gap Pad A3000
Thermal Resistance (C-in2/W)


Similar Part No. - GP-A3000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP-A2000 ETC2-GP-A2000 Datasheet
366Kb / 2P
Thermal conductivity: 2.0 W/m-K
More results

Similar Description - GP-A3000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP-3500ULM ETC2-GP-3500ULM Datasheet
368Kb / 2P
Thermal Conductivity: 3.5 W/m-K
GP-A2000 ETC2-GP-A2000 Datasheet
366Kb / 2P
Thermal conductivity: 2.0 W/m-K
GP-EMI1.0 ETC2-GP-EMI1.0 Datasheet
589Kb / 2P
Thermal Conductivity: 1.0 W/m-K
GP-HC3.0 ETC2-GP-HC3.0 Datasheet
441Kb / 2P
Thermal Conductivity: 3.0 W/m-K
GP-HC1000 ETC2-GP-HC1000 Datasheet
482Kb / 2P
Thermal conductivity: 1.0 W/m-K
GP-VO ETC2-GP-VO Datasheet
439Kb / 2P
Thermal conductivity: 0.8 W/m-K
GP-VOSOFT ETC2-GP-VOSOFT Datasheet
475Kb / 2P
Thermal conductivity: 0.8 W/m-K
GP-VOULTRASOFT-B ETC2-GP-VOULTRASOFT-B Datasheet
376Kb / 2P
Thermal conductivity: 1.0 W/m-K
SP-2000 ETC2-SP-2000 Datasheet
398Kb / 2P
High thermal conductivity: 3.5 W/m-K
SP-A2000 ETC2-SP-A2000 Datasheet
396Kb / 2P
High thermal conductivity: 3.0 W/m-K
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com