Electronic Components Datasheet Search
  English  ▼

X  

GP-HC1000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GP-HC1000
Description  Thermal conductivity: 1.0 W/m-K
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GP-HC1000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GP-HC1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers GP-HC1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For the most direct access to local sales and technical support visit: www.bergquistcompany.com
Americas
+1.800.347.4572
Europe
+31.35.5380684
Asia
+852.2690.9296
TDS Gap Pad® HC1000, July 2011
Disclaimer
Note:
The information provided in this Technical Data Sheet (TDS) including the
recommendations for use and application of the product are based on our
knowledge and experience of the product as at the date of this TDS. The product
can have a variety of different applications as well as differing application and
working conditions in your environment that are beyond our control. Henkel is,
therefore, not liable for the suitability of our product for the production processes
and conditions in respect of which you use them, as well as the intended
applications and results. We strongly recommend that you carry out your own
prior trials to confirm such suitability of our product.
Any liability in respect of the information in the Technical Data Sheet or any other
written or oral recommendation(s) regarding the concerned product is excluded,
except if otherwise explicitly agreed and except in relation to death or personal
injurycausedbyournegligenceandanyliabilityunderanyapplicablemandatory
product liability law.
I
n case products are delivered by Henkel Belgium NV, Henkel Electronic
Materials NV, Henkel Nederland BV, Henkel Technologies France SAS and
Henkel France SA please additionally note the following:
IncaseHenkelwouldbeneverthelessheldliable,onwhateverlegalground,
Henkel’sliabilitywillinnoeventexceedtheamountoftheconcerneddelivery.
IncaseproductsaredeliveredbyHenkelColombiana,S.A.S.thefollowing
disclaimer is applicable:
The information provided in this Technical Data Sheet (TDS) including the
recommendations for use and application of the product are based on our
knowledge and experience of the product as at the date of this TDS. Henkel is,
therefore, not liable for the suitability of our product for the production processes
and conditions in respect of which you use them, as well as the intended
applications and results. We strongly recommend that you carry out your own
prior trials to confirm such suitability of our product.
Any liability in respect of the information in the Technical Data Sheet or any other
written or oral recommendation(s) regarding the concerned product is excluded,
except if otherwise explicitly agreed and except in relation to death or personal
injurycausedbyournegligenceandanyliabilityunderanyapplicablemandatory
product liability law.
In case products are delivered by Henkel Corporation, Resin Technology
Group, Inc., or Henkel Canada Corporation, the following disclaimer is
applicable:
The data contained herein are furnished for information only and are believed to
be reliable. We cannot assume responsibility for the results obtained by others
over whose methods we have no control. It is the user’s responsibility to
determinesuitabilityfortheuser’spurposeofanyproductionmethodsmentioned
herein and to adopt such precautions as may be advisable for the protection of
propertyandofpersonsagainstanyhazardsthatmaybeinvolvedinthehandling
and use thereof. In light of the foregoing,
Henkel Corporation specifically
disclaims all warranties expressed or implied, including warranties of
merchantabilityorfitnessforaparticularpurpose,arisingfromsaleoruse
of Henkel Corporation’s products. Henkel Corporation specifically
disclaimsanyliabilityforconsequentialorincidentaldamagesofanykind,
including lost profits. The discussion herein of various processes or
compositions is not to be interpreted as representation that they are free from
domination of patents owned by others or as a license under any Henkel
Corporation patents that may cover such processes or compositions. We
recommend that each prospective user test his proposed application before
repetitive use, using this data as a guide. This product may be covered by one or
more United States or foreign patents or patent applications.
Trademark usage
Except as otherwise noted, all trademarks in this document are trademarks of
Henkel Corporation in the U.S. and elsewhere. ® denotes a trademark
registered in the U.S. Patent and Trademark Office
Reference 0.1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com