Electronic Components Datasheet Search
  English  ▼

X  

SIS412DN Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SIS412DN
Description  N-Channel 30-V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIS412DN Datasheet(HTML) 1 Page - Vishay Telefunken

  SIS412DN Datasheet HTML 1Page - Vishay Telefunken SIS412DN Datasheet HTML 2Page - Vishay Telefunken SIS412DN Datasheet HTML 3Page - Vishay Telefunken SIS412DN Datasheet HTML 4Page - Vishay Telefunken SIS412DN Datasheet HTML 5Page - Vishay Telefunken SIS412DN Datasheet HTML 6Page - Vishay Telefunken SIS412DN Datasheet HTML 7Page - Vishay Telefunken SIS412DN Datasheet HTML 8Page - Vishay Telefunken SIS412DN Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
SiS412DN
New Product
Document Number: 69006
S09-0135-Rev. C, 02-Feb-09
www.vishay.com
1
N-Channel 30-V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
•
TrenchFET® Power MOSFET
• 100 % Rg Tested
APPLICATIONS
• Notebook PC
- System Power
- Load Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
30
0.024 at VGS = 10 V
12
3.8 nC
0.030 at VGS = 4.5 V
12
N-Channel MOSFET
G
D
S
Ordering Information: SiS412DN-T1-GE3 (Lead (Pb)-free and Halogen-free)
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
3.30 mm
3.30 mm
PowerPAK 1212-8
Bottom View
Notes:
a. Package Limited.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 81 °C/W.
e. See Solder Profile (www.vishay.com/ppg?73257). The PowerPAK 1212 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and
is not required to ensure adequate bottom side solder interconnection.
f. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
12a
A
TC = 70 °C
12a
TA = 25 °C
8.7b, c
TA = 70 °C
7b, c
Pulsed Drain Current
IDM
30
Continuous Source-Drain Diode Current
TC = 25 °C
IS
12a
TA = 25 °C
2.7b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
5
Single Pulse Avalanche Energy
EAS
1.25
mJ
Maximum Power Dissipation
TC = 25 °C
PD
15.6
W
TC = 70 °C
10
TA = 25 °C
3.2b, c
TA = 70 °C
2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)e, f
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
32
39
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
6.5
8


Similar Part No. - SIS412DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIS412DN VISHAY-SIS412DN Datasheet
110Kb / 7P
N-Channel 30-V (D-S) MOSFET
02-Feb-09
logo
VBsemi Electronics Co.,...
SIS412DN VBSEMI-SIS412DN Datasheet
1Mb / 8P
N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIS412DN-T1-GE3 VISHAY-SIS412DN-T1-GE3 Datasheet
548Kb / 13P
N-Channel 30-V (D-S) MOSFET
02-Feb-09
logo
VBsemi Electronics Co.,...
SIS412DN-T1-GE3 VBSEMI-SIS412DN-T1-GE3 Datasheet
1Mb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIS412DN-T1-GE3 VISHAY-SIS412DN-T1-GE3 Datasheet
598Kb / 13P
N-Channel 30 V (D-S) MOSFET
02-Feb-09
More results

Similar Description - SIS412DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com