Electronic Components Datasheet Search
  English  ▼

X  

PE4282 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4282
Description  75 Ohm SMC Jack Bulkhead Connector Clamp-Solder Attachment For RG59, RG62, .285 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4282 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4282 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4282 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMC Jack Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .285 inch D Hole
Configuration
Connector
SMC Jack
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
0.835 [21.21]
Width/Dia., in [mm]
0.342 [8.69]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMC Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm SMC Jack Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .285 inch D Hole from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMC Jack Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .285 inch D
Hole PE4282
URL: http://www.pasternack.com/smc-jack-standard-rg59-rg62-connector-pe4282-p.aspx
PE4282
PE4282 REV 01
75 Ohm SMC Jack Bulkhead Connector Clamp/Solder
Attachment For RG59, RG62, .285 inch D Hole


Similar Part No. - PE4282

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42820 PSEMI-PE42820 Datasheet
3Mb / 2P
Peregrine Enables New Approach to RF Switching in High-Power Wireless Systems
PE42820MLBA-X PSEMI-PE42820MLBA-X Datasheet
371Kb / 12P
UltraCMOS짰 SPDT RF Switch 30??700 MHz
PE42821 PSEMI-PE42821 Datasheet
403Kb / 12P
UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
PE42822 PSEMI-PE42822 Datasheet
460Kb / 21P
UltraCMOS SPDT RF Switch, 700 MHz-3.8 GHz
PE42822A-Z PSEMI-PE42822A-Z Datasheet
460Kb / 21P
UltraCMOS SPDT RF Switch, 700 MHz-3.8 GHz
More results

Similar Description - PE4282

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4266 PASTERNACK-PE4266 Datasheet
830Kb / 2P
75 Ohm SMC Plug Right Angle Connector Clamp/ Solder Attachment For RG59, RG62
PE4258 PASTERNACK-PE4258 Datasheet
272Kb / 3P
75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG59, RG62
PE4280 PASTERNACK-PE4280 Datasheet
263Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .177 inch D Hole
PE4925 PASTERNACK-PE4925 Datasheet
262Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG179, RG187, .285 inch D Hole
PE4281 PASTERNACK-PE4281 Datasheet
263Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG180, RG195, 285 inch D HOLE
PE4272 PASTERNACK-PE4272 Datasheet
207Kb / 2P
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG59, RG62
PE4274 PASTERNACK-PE4274 Datasheet
207Kb / 2P
75 Ohm SMC Jack Connector Clamp/Solder Attachment For RG59, RG62
PE4283 PASTERNACK-PE4283 Datasheet
212Kb / 2P
75 Ohm SMC Jack Bulkhead Connector Clamp/Solder Attachment For RG180, RG195, .285 inch D Hole
PE4315 PASTERNACK-PE4315 Datasheet
302Kb / 2P
SHV Jack Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4516 PASTERNACK-PE4516 Datasheet
214Kb / 2P
75 Ohm N Female Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com