Electronic Components Datasheet Search
  English  ▼

X  

PE4286 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4286
Description  75 Ohm SMB Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4286 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4286 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4286 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4286 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMB Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch
D Hole
Configuration
Connector
SMB Jack
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
0.812 [20.62]
Width/Dia., in [mm]
0.375 [9.53]
Height, in [mm]
0.67 [17.02]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMB Jack
Contact Material and Plating
Gold
Body Material and Plating
Gold
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMB Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal,
.295 inch D Hole PE4286
PE4286
PE4286 REV 01
75 Ohm SMB Jack Right Angle Bulkhead Connector Solder
Attachment Solder Cup Terminal, .295 inch D Hole


Similar Part No. - PE4286

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4280 PEREGRINE-PE4280 Datasheet
462Kb / 8P
75 廓 SPDT CATV UltraCMOS??Switch DC - 2.2 GHz
logo
Pasternack Enterprises,...
PE4280 PASTERNACK-PE4280 Datasheet
263Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .177 inch D Hole
logo
Peregrine Semiconductor
PE4280 PSEMI-PE4280 Datasheet
261Kb / 8P
SPDT CATV UltraCMOS Switch
PE4280 PSEMI-PE4280 Datasheet
882Kb / 8P
75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz
logo
Peregrine Semiconductor...
PE4280 PEREGRINE-PE4280 Datasheet
261Kb / 8P
75 廓 SPDT CATV UltraCMOS
More results

Similar Description - PE4286

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4173 PASTERNACK-PE4173 Datasheet
812Kb / 2P
75 Ohm SMC Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole, Front Mount
PE4172 PASTERNACK-PE4172 Datasheet
284Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal .295 inch D HOLE
PE4169 PASTERNACK-PE4169 Datasheet
287Kb / 1P
75 ohm smc Jack Bulkhead Connector SOLDER Attachment Solder Cup Terminal, .295 inch D Hole Read mount
PE4287 PASTERNACK-PE4287 Datasheet
868Kb / 2P
75 Ohm SMC Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal .295 inch D Hole
PE4290 PASTERNACK-PE4290 Datasheet
205Kb / 2P
75 Ohm SMB Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
PE4291 PASTERNACK-PE4291 Datasheet
205Kb / 2P
75 Ohm SMC Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
PE4168 PASTERNACK-PE4168 Datasheet
204Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .317 inch Diameter
PE4284 PASTERNACK-PE4284 Datasheet
220Kb / 3P
SMB Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PE4285 PASTERNACK-PE4285 Datasheet
238Kb / 2P
SMC Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PE4622 PASTERNACK-PE4622 Datasheet
215Kb / 2P
75 Ohm BNC Female Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .361 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com