Electronic Components Datasheet Search
  English  ▼

X  

PE4317 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4317
Description  BNC Female Right Angle Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4317 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4317 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4317 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
BNC Female Right Angle Connector Solder Attachment 4 Hole
Flange Solder Cup Terminal, .531 inch Hole Spacing
BNC Female Right Angle Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch
Hole Spacing
Configuration
Connector
BNC Female
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.093 [27.76]
Width/Dia., in [mm]
0.75 [19]
Height, in [mm]
0.895 [22.73]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
BNC Female
Contact Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/bnc-female-standard-solder-cup-terminal-connector-pe4317-p.aspx
BNC Female Right Angle Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing from
Pasternack Enterprises has same day shipment for domestic and International orders. We maintain 99% availability of the
industry’s broadest selection of RF, microwave and fiber optic products.
PE4317
PE4317 REV


Similar Part No. - PE4317

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4317 PASTERNACK-PE4317 Datasheet
321Kb / 3P
BNC Female Right Angle Connector Solder Attachment
PE4317 PASTERNACK-PE4317_16 Datasheet
321Kb / 3P
BNC Female Right Angle Connector Solder Attachment
More results

Similar Description - PE4317

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4010 PASTERNACK-PE4010 Datasheet
250Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4082 PASTERNACK-PE4082 Datasheet
256Kb / 2P
BNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal 531 inch Hole Spacing
PE4625 PASTERNACK-PE4625 Datasheet
213Kb / 3P
75 Ohm BNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4760 PASTERNACK-PE4760 Datasheet
241Kb / 2P
RP BNC Female Right Angle Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4394 PASTERNACK-PE4394 Datasheet
237Kb / 2P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal .500 inch Hole Spacing
PE4395 PASTERNACK-PE4395 Datasheet
219Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4628 PASTERNACK-PE4628 Datasheet
211Kb / 3P
75 Ohm BNC Female Right Angle Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4762 PASTERNACK-PE4762 Datasheet
203Kb / 2P
RP BNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4470 PASTERNACK-PE4470 Datasheet
229Kb / 3P
TNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4082 PASTERNACK-PE4082_16 Datasheet
364Kb / 3P
BNC Male Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .531 inch Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com