Electronic Components Datasheet Search
  English  ▼

X  

PE4318 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4318
Description  BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4318 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4318 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4318 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4318 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
BNC Female Bulkhead Isolated Ground Connector Solder
Attachment Solder Cup Terminal, .480 inch D Hole
BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D
Hole
Configuration
Connector
BNC Female
Connector Specification
MIL-STD-348A
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Isolated Ground / Hermetic
Isolated Ground
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum Operating Voltage, Volts
500
Frequency 1
Frequency, GHz
DC to 3
VSWR
1.5:1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.07 [27.18]
Width/Dia., in [mm]
0.63 [16]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
BNC Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal,
.480 inch D Hole PE4318
PE4318
PE4318 REV


Similar Part No. - PE4318

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4318 PASTERNACK-PE4318 Datasheet
349Kb / 3P
BNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment
PE4318 PASTERNACK-PE4318_16 Datasheet
349Kb / 3P
BNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment
More results

Similar Description - PE4318

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4306 PASTERNACK-PE4306 Datasheet
222Kb / 3P
TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE44181 PASTERNACK-PE44181 Datasheet
256Kb / 2P
75 Ohm TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4091 PASTERNACK-PE4091 Datasheet
246Kb / 3P
BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4626 PASTERNACK-PE4626 Datasheet
219Kb / 3P
75 Ohm BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4468 PASTERNACK-PE4468 Datasheet
257Kb / 3P
TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4764 PASTERNACK-PE4764 Datasheet
219Kb / 3P
RP BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4014 PASTERNACK-PE4014 Datasheet
251Kb / 2P
BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4629 PASTERNACK-PE4629 Datasheet
247Kb / 2P
75 Ohm BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4707 PASTERNACK-PE4707 Datasheet
216Kb / 3P
RP TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4091 PASTERNACK-PE4091_16 Datasheet
355Kb / 3P
BNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment Solder Cup Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com