Electronic Components Datasheet Search
  English  ▼

X  

PE4320 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4320
Description  BNC Male Right Angle Connector Clamp - Solder Attachment For RG59, RG62
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4320 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4320 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4320 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
BNC Male Right Angle Connector Clamp/Solder Attachment For RG59, RG62
Configuration
Connector
BNC Male
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.48 [37.59]
Width/Dia., in [mm]
0.57 [14.48]
Height, in [mm]
1.045 [26.54]
.
Weight, lbs [g]
0.055 [24.95]
Connector
Type
BNC Male
Contact Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
BNC Male Right Angle Connector Clamp/Solder Attachment For RG59, RG62 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Male Right Angle Connector Clamp/Solder Attachment For RG59, RG62 PE4320
URL: http://www.pasternack.com/bnc-male-standard-rg59-rg62-connector-pe4320-p.aspx
PE4320
PE4320 REV 01
BNC Male Right Angle Connector Clamp/
Solder Attachment For RG59, RG62


Similar Part No. - PE4320

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE43204 PEREGRINE-PE43204 Datasheet
336Kb / 8P
RF Digital Attenuator 2-bit; 0,6,12, and 18 dB States
logo
Peregrine Semiconductor
PE43204 PSEMI-PE43204 Datasheet
334Kb / 8P
RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43204 PEREGRINE-PE43204 Datasheet
334Kb / 8P
50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43204MLIBA-Z PSEMI-PE43204MLIBA-Z Datasheet
878Kb / 8P
50 廓 RF Digital Attenuator 2-bit; 0, 6, 12, and 18 dB States
PE43204 PSEMI-PE43204_14 Datasheet
854Kb / 8P
50 廓 RF Digital Attenuator
More results

Similar Description - PE4320

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4731 PASTERNACK-PE4731 Datasheet
265Kb / 2P
RP BNC Male Right Angle Connector Clamp/ Solder Attachment For RG59, RG62
PE4227 PASTERNACK-PE4227 Datasheet
317Kb / 2P
MHV Male Right Angle Connector Clamp/Solder Attachment For RG59, RG62
PE4195 PASTERNACK-PE4195 Datasheet
272Kb / 2P
BNC Male Right Angle Connector Crimp/ Solder attachment for RG59, RG62
PE4679 PASTERNACK-PE4679 Datasheet
880Kb / 2P
RP TNC Male Right Angle Connector Clamp/ Solder Attachment For RG59, RG62
PE4717 PASTERNACK-PE4717 Datasheet
261Kb / 2P
RP BNC Male Connector Clamp/Solder Attachment For RG59, RG62
PE4024 PASTERNACK-PE4024 Datasheet
317Kb / 2P
BNC Male Connector Clamp/Solder Attachment For RG59, RG62
PE4154 PASTERNACK-PE4154 Datasheet
225Kb / 3P
TNC Male Connector Clamp/Solder Attachment For RG59, RG62
PE4018 PASTERNACK-PE4018 Datasheet
247Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG59, RG62
PE4952 PASTERNACK-PE4952 Datasheet
237Kb / 3P
C Male Connector Clamp-Solder Attachment For RG59, RG62
PE4452 PASTERNACK-PE4452 Datasheet
206Kb / 2P
TNC Male Right Angle Connector Clamp - Solder Attachment For RG59, RG62
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com