Electronic Components Datasheet Search
  English  ▼

X  

PE4504 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4504
Description  75 Ohm N Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4504 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4504 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4504 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4504 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm N Male Connector Solder Attachment 4 Hole
Flange Solder Cup Terminal, .718 inch Hole Spacing
75 Ohm N Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole
Spacing
Configuration
Connector
N Male
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Frequency Range, GHz
DC to 1.5
Impedance, Ohms
75
Maximum VSWR
1.5:1
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.97 [24.64]
Width/Dia., in [mm]
1 [25]
Height, in [mm]
1 [25.4]
.
Weight, lbs [g]
0.082 [37.19]
Connector
Type
N Male
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm N Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch
Hole Spacing PE4504
PE4504
PE4504 REV


Similar Part No. - PE4504

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4504 PASTERNACK-PE4504 Datasheet
325Kb / 3P
75 Ohm N Male Connector Solder Attachment
PE45040 PASTERNACK-PE45040 Datasheet
370Kb / 3P
SMA Male Connector Crimp - Solder Attachment for LMR200, PE-C200
PE45045 PASTERNACK-PE45045 Datasheet
393Kb / 3P
BNC Male Connector Crimp-Solder Attachment for RG174, RG316 Up to 4GHz
PE45046 PASTERNACK-PE45046 Datasheet
454Kb / 3P
7/16 DIN Male Right Angle Connector Crimp/Solder Attachment for LMR-195, PE-C195, PE-P195
PE45047 PASTERNACK-PE45047 Datasheet
349Kb / 3P
N Female Bulkhead Mount Connector Crimp - Solder Attachment for LMR-200, PE-C200 IP 67
More results

Similar Description - PE4504

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4131 PASTERNACK-PE4131 Datasheet
239Kb / 2P
N Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4218 PASTERNACK-PE4218 Datasheet
217Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4012 PASTERNACK-PE4012 Datasheet
238Kb / 2P
UHF Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4625 PASTERNACK-PE4625 Datasheet
213Kb / 3P
75 Ohm BNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4241 PASTERNACK-PE4241 Datasheet
251Kb / 2P
C Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4322 PASTERNACK-PE4322 Datasheet
205Kb / 2P
SC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4395 PASTERNACK-PE4395 Datasheet
219Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4631 PASTERNACK-PE4631 Datasheet
217Kb / 3P
75 Ohm BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4503 PASTERNACK-PE4503 Datasheet
217Kb / 3P
75 Ohm N Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE44096 PASTERNACK-PE44096 Datasheet
220Kb / 3P
C Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com