Electronic Components Datasheet Search
  English  ▼

X  

PE4505 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4505
Description  75 Ohm N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .640 inch DD Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4505 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4505 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4505 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .640 inch DD Hole
Configuration
Connector
N Female
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.428 [36.27]
Width/Dia., in [mm]
0.81 [20.57]
.
Weight, lbs [g]
0.082 [37.19]
Connector
Type
N Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .640 inch DD Hole from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .640 inch DD
Hole PE4505
URL: http://www.pasternack.com/n-female-standard-solder-cup-terminal-connector-pe4505-p.aspx
PE4505
PE4505 REV 01
75 Ohm N Female Bulkhead Connector Solder
Attachment Solder Cup Terminal, .640 inch DD Hole


Similar Part No. - PE4505

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4505 PASTERNACK-PE4505 Datasheet
315Kb / 3P
75 Ohm N Female Bulkhead Mount Connector Solder Attachment
PE45050 PASTERNACK-PE45050 Datasheet
372Kb / 3P
Reverse Polarity MCX Male Right Angle Push-On Connector Crimp - Solder Attachment for RG316, RG188, RG174
PE45051 PASTERNACK-PE45051 Datasheet
361Kb / 3P
Reverse Polarity MCX Male Right Angle Push-On Connector Crimp - Solder Attachment for RG178, RG196
PE45053 PASTERNACK-PE45053 Datasheet
375Kb / 3P
SMA Female Field Replaceable Connector 4 Hole Flange Mount 0.036 Inch Pin .500 inch Flange Size
PE45054 PASTERNACK-PE45054 Datasheet
373Kb / 3P
SMA Female Field Replaceable Connector 2 Hole Flange Mount 0.020 Inch Pin
More results

Similar Description - PE4505

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44180 PASTERNACK-PE44180 Datasheet
238Kb / 2P
75 Ohm TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4620 PASTERNACK-PE4620 Datasheet
221Kb / 3P
75 Ohm BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4506 PASTERNACK-PE4506 Datasheet
228Kb / 3P
75 Ohm N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch Diameter
PE4137 PASTERNACK-PE4137 Datasheet
258Kb / 3P
N Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .640 inch DD Hole
PE4139 PASTERNACK-PE4139 Datasheet
259Kb / 3P
N Female Bulkhead Connector Solder Attachment Pin Terminal, .640 inch DD Hole
PE4193 PASTERNACK-PE4193 Datasheet
257Kb / 3P
MHV Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch DD HOLE
PE44177 PASTERNACK-PE44177 Datasheet
236Kb / 2P
75 Ohm TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4489 PASTERNACK-PE4489 Datasheet
259Kb / 3P
N Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .640 inch DD Hole
PE44397 PASTERNACK-PE44397 Datasheet
224Kb / 2P
N Female Bulkhead Connector Solder Attachment Thru Hole PCB, .640 inch DD Hole
PE4193 PASTERNACK-PE4193_16 Datasheet
349Kb / 3P
MHV Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .380 inch DD Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com