Electronic Components Datasheet Search
  English  ▼

X  

SISA10DN Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SISA10DN
Description  N-Channel 30 V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SISA10DN Datasheet(HTML) 1 Page - Vishay Telefunken

  SISA10DN Datasheet HTML 1Page - Vishay Telefunken SISA10DN Datasheet HTML 2Page - Vishay Telefunken SISA10DN Datasheet HTML 3Page - Vishay Telefunken SISA10DN Datasheet HTML 4Page - Vishay Telefunken SISA10DN Datasheet HTML 5Page - Vishay Telefunken SISA10DN Datasheet HTML 6Page - Vishay Telefunken SISA10DN Datasheet HTML 7Page - Vishay Telefunken SISA10DN Datasheet HTML 8Page - Vishay Telefunken SISA10DN Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
SiSA10DN
New Product
Document Number: 63819
S12-0806-Rev. A, 16-Apr-12
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical support, please contact: pmostechsupport@vishay.com
N-Channel 30 V (D-S) MOSFET
FEATURES
•
TrenchFET® Gen IV Power MOSFET
•100 % Rg and UIS Tested
•
Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• High Power Density DC/DC
•
Synchronous Rectification
•
VRMs and Embedded DC/DC
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See solder profile (www.vishay.com/doc?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and
is not required to ensure adequate bottom side solder interconnection.
e. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under steady state conditions is 81 °C/W.
g. Package limited.
PRODUCT SUMMARY
VDS (V)
RDS(on) () (Max.)
ID (A)
a, g
Qg (Typ.)
30
0.0037 at VGS = 10 V
30
15.4 nC
0.0050 at VGS = 4.5 V
30
Ordering Information:
SiSA10DN-T1-GE3 (Lead (Pb)-free and Halogen-free)
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
3.30 mm
3.30 mm
PowerPAK® 1212-8
Bottom View
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
+ 20, - 16
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
30g
A
TC = 70 °C
30g
TA = 25 °C
25b, c
TA = 70 °C
20b, c
Pulsed Drain Current (t = 300 µs)
IDM
80
Continuous Source-Drain Diode Current
TC = 25 °C
IS
30g
TA = 25 °C
3b, c
Single Pulse Avalanche Current
L =
0.1 mH
IAS
20
Single Pulse Avalanche Energy
EAS
20
mJ
Maximum Power Dissipation
TC = 25 °C
PD
39
W
TC = 70 °C
25
TA = 25 °C
3.6b, c
TA = 70 °C
2.4b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
 10 s
RthJA
26
34
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
2.4
3.2


Similar Part No. - SISA10DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SISA10DN VISHAY-SISA10DN Datasheet
602Kb / 13P
N-Channel 30 V (D-S) MOSFET
16-Apr-12
SISA10DN VISHAY-SISA10DN Datasheet
615Kb / 13P
N-Channel 30 V (D-S) MOSFET
16-Apr-12
SISA10DN-T1-GE3 VISHAY-SISA10DN-T1-GE3 Datasheet
615Kb / 13P
N-Channel 30 V (D-S) MOSFET
16-Apr-12
SISA10DN VISHAY-SISA10DN_V01 Datasheet
615Kb / 13P
N-Channel 30 V (D-S) MOSFET
16-Apr-12
More results

Similar Description - SISA10DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com