Electronic Components Datasheet Search
  English  ▼

X  

SISA14DN Datasheet(PDF) 3 Page - Vishay Telefunken

Part # SISA14DN
Description  N-Channel 30 V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SISA14DN Datasheet(HTML) 3 Page - Vishay Telefunken

  SISA14DN Datasheet HTML 1Page - Vishay Telefunken SISA14DN Datasheet HTML 2Page - Vishay Telefunken SISA14DN Datasheet HTML 3Page - Vishay Telefunken SISA14DN Datasheet HTML 4Page - Vishay Telefunken SISA14DN Datasheet HTML 5Page - Vishay Telefunken SISA14DN Datasheet HTML 6Page - Vishay Telefunken SISA14DN Datasheet HTML 7Page - Vishay Telefunken SISA14DN Datasheet HTML 8Page - Vishay Telefunken SISA14DN Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 63252
S12-3076-Rev. A, 24-Dec-12
www.vishay.com
3
Vishay Siliconix
SiSA14DN
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
16
32
48
64
80
0.0
0.5
1.0
1.5
2.0
2.5
V
DS - Drain-to-Source Voltage (V)
V
GS = 3 V
V
GS = 10 V thru 4 V
V
GS = 2 V
0.0030
0.0042
0.0054
0.0066
0.0078
0.0090
0
16
32
48
64
80
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0
2
4
6
8
10
0
4
8
12
16
20
Q
g - Total Gate Charge (nC)
V
DS = 15 V
V
DS = 20 V
V
DS = 10 V
I
D = 10 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0.0
0.8
1.6
2.4
3.2
4.0
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
360
720
1080
1440
1800
0
5
10
15
20
25
30
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.7
0.9
1.1
1.3
1.5
1.7
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
I
D = 10 A
V
GS = 10 V
V
GS = 4.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com