Electronic Components Datasheet Search
  English  ▼

X  

PE4733 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4733
Description  RP BNC Male Right Angle Connector Crimp-Solder Attachment For RG174, RG316, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4733 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4733 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4733 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP BNC Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
BNC Male Reverse Polarity
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.74 [44.2]
Width/Dia., in [mm]
0.57 [14.48]
Height, in [mm]
1.07 [27.18]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
BNC Male Reverse Polarity
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP BNC Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188 from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP BNC Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4733
URL: http://www.pasternack.com/bnc-male-reverse-polarity-rg174-rg316-rg188-connector-pe4733-p.aspx
PE4733
PE4733 REV 01
RP BNC Male Right Angle Connector Crimp/Solder
Attachment For RG174, RG316, RG188


Similar Part No. - PE4733

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4730 PASTERNACK-PE4730 Datasheet
230Kb / 3P
RP BNC Male Right Angle Connector Crimp - Solder Attachment For RG58
PE4731 PASTERNACK-PE4731 Datasheet
265Kb / 2P
RP BNC Male Right Angle Connector Clamp/ Solder Attachment For RG59, RG62
PE4732 PASTERNACK-PE4732 Datasheet
105Kb / 1P
PASTERNACK ENTERPRISES
PE4734 PASTERNACK-PE4734 Datasheet
104Kb / 1P
REVERSE POLARITY BNC MALE RIGHT ANGLE CLAMP ATTACHMENT FOR RG178 & RG196
PE4735 PASTERNACK-PE4735 Datasheet
225Kb / 2P
RP BNC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
More results

Similar Description - PE4733

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4393 PASTERNACK-PE4393 Datasheet
300Kb / 2P
BNC Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4681 PASTERNACK-PE4681 Datasheet
318Kb / 3P
RP TNC Male Right Angle Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4668 PASTERNACK-PE4668 Datasheet
226Kb / 2P
RP TNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4720 PASTERNACK-PE4720 Datasheet
274Kb / 2P
RP BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44371 PASTERNACK-PE44371 Datasheet
204Kb / 2P
RP MCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4043 PASTERNACK-PE4043 Datasheet
325Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4785 PASTERNACK-PE4785 Datasheet
0Kb / 3P
RP SMA Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4719 PASTERNACK-PE4719 Datasheet
218Kb / 2P
RP BNC Male Connector Clamp-Solder Attachment For RG174, RG316, RG188
PE4742 PASTERNACK-PE4742 Datasheet
219Kb / 2P
RP BNC Female Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4771 PASTERNACK-PE4771 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com