Electronic Components Datasheet Search
  English  ▼

X  

PE4742 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4742
Description  RP BNC Female Connector Crimp-Solder Attachment For RG174, RG316, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4742 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4742 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4742 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP BNC Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
BNC Female Reverse Polarity
Connector Specification
MIL-C-39012
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.28 [32.51]
Width/Dia., in [mm]
0.45 [11.43]
.
Weight, lbs [g]
0.02 [9.07]
Connector
Type
BNC Female Reverse Polarity
Contact Material and Plating
Brass, Gold
Contact Plating Specification
3µ-5µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
70µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP BNC Female Connector Crimp/Solder Attachment For RG174, RG316, RG188 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP BNC Female Connector Crimp/Solder Attachment For RG174, RG316, RG188 PE4742
URL: http://www.pasternack.com/bnc-female-reverse-polarity-rg174-rg316-rg188-connector-pe4742-p.aspx
PE4742
PE4742 REV 01
RP BNC Female Connector Crimp/Solder
Attachment For RG174, RG316, RG188


Similar Part No. - PE4742

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4740 PASTERNACK-PE4740 Datasheet
260Kb / 2P
RP BNC Female Connector Clamp/Solder Attachment For RG59, RG62
PE4741 PASTERNACK-PE4741 Datasheet
103Kb / 1P
REVERSE POLARITY BNC FEMALE CLAMP ATTACHMENT FOR RG174 RG188 & RG316
PE4743 PASTERNACK-PE4743 Datasheet
102Kb / 1P
PASTERNACK ENTERPRISES
PE4744 PASTERNACK-PE4744 Datasheet
104Kb / 1P
PASTERNACK ENTERPRISES
PE4745 PASTERNACK-PE4745 Datasheet
103Kb / 1P
PASTERNACK ENTERPRISES
More results

Similar Description - PE4742

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4690 PASTERNACK-PE4690 Datasheet
314Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4668 PASTERNACK-PE4668 Datasheet
226Kb / 2P
RP TNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4720 PASTERNACK-PE4720 Datasheet
274Kb / 2P
RP BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4797 PASTERNACK-PE4797 Datasheet
220Kb / 2P
RP SMA Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4043 PASTERNACK-PE4043 Datasheet
325Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4079 PASTERNACK-PE4079 Datasheet
281Kb / 3P
BNC Female Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4719 PASTERNACK-PE4719 Datasheet
218Kb / 2P
RP BNC Male Connector Clamp-Solder Attachment For RG174, RG316, RG188
PE4733 PASTERNACK-PE4733 Datasheet
225Kb / 2P
RP BNC Male Right Angle Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE44369 PASTERNACK-PE44369 Datasheet
221Kb / 3P
RP MCX Plug Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4771 PASTERNACK-PE4771 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com