Electronic Components Datasheet Search
  English  ▼

X  

PE4756 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4756
Description  RP BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4756 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4756 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4756 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4756 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
RP BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded
Hole Spacing
Configuration
Connector
BNC Female Reverse Polarity
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.063 [27]
Width/Dia., in [mm]
0.687 [17.45]
Height, in [mm]
0.687 [17.45]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
BNC Female Reverse Polarity
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: RP BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal,
.500 inch Threaded Hole Spacing PE4756
PE4756
PE4756 REV 01
RP BNC Female Connector Solder Attachment 4 Hole Flange
Solder Cup Terminal, .500 inch Threaded Hole Spacing


Similar Part No. - PE4756

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4750 PASTERNACK-PE4750 Datasheet
259Kb / 2P
RP BNC Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4751 PASTERNACK-PE4751 Datasheet
92Kb / 1P
REVERSE POLARITY BNC FEMALE BULKHEAD CLAMP ATTAHCHMENT FOR RG174 RG188 &RG316
PE4752 PASTERNACK-PE4752 Datasheet
290Kb / 3P
RP BNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480 inch D Hole
PE4753 PASTERNACK-PE4753 Datasheet
92Kb / 1P
REVERSE POLARITY BNC FEMALE BULKHEAD CLAMP ATTACHMENT FOR RG178 &RG196
PE4755 PASTERNACK-PE4755 Datasheet
97Kb / 1P
PASTERNACK ENTERPRISES
More results

Similar Description - PE4756

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4010 PASTERNACK-PE4010 Datasheet
250Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4617 PASTERNACK-PE4617 Datasheet
282Kb / 2P
75 Ohm BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4324 PASTERNACK-PE4324 Datasheet
241Kb / 2P
BNC Twinax Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4394 PASTERNACK-PE4394 Datasheet
237Kb / 2P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal .500 inch Hole Spacing
PE4763 PASTERNACK-PE4763 Datasheet
238Kb / 2P
RP BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4762 PASTERNACK-PE4762 Datasheet
203Kb / 2P
RP BNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4064 PASTERNACK-PE4064 Datasheet
243Kb / 2P
TNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4064SP PASTERNACK-PE4064SP Datasheet
284Kb / 3P
TNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4705 PASTERNACK-PE4705 Datasheet
214Kb / 3P
RP TNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4228 PASTERNACK-PE4228 Datasheet
252Kb / 2P
MHV Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com