Electronic Components Datasheet Search
  English  ▼

X  

PE4757 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4757
Description  RP BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4757 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4757 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4757 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
Configuration
Connector
BNC Female Reverse Polarity
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.063 [27]
Width/Dia., in [mm]
0.491 [12.47]
.
Weight, lbs [g]
0.02 [9.07]
Connector
Type
BNC Female Reverse Polarity
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4757
URL: http://www.pasternack.com/bnc-female-reverse-polarity-solder-cup-terminal-connector-pe4757-p.aspx
PE4757
PE4757 REV 01
RP BNC Female Bulkhead Connector Solder
Attachment Solder Cup Terminal, .410 inch D Hole


Similar Part No. - PE4757

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4750 PASTERNACK-PE4750 Datasheet
259Kb / 2P
RP BNC Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4751 PASTERNACK-PE4751 Datasheet
92Kb / 1P
REVERSE POLARITY BNC FEMALE BULKHEAD CLAMP ATTAHCHMENT FOR RG174 RG188 &RG316
PE4752 PASTERNACK-PE4752 Datasheet
290Kb / 3P
RP BNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480 inch D Hole
PE4753 PASTERNACK-PE4753 Datasheet
92Kb / 1P
REVERSE POLARITY BNC FEMALE BULKHEAD CLAMP ATTACHMENT FOR RG178 &RG196
PE4755 PASTERNACK-PE4755 Datasheet
97Kb / 1P
PASTERNACK ENTERPRISES
More results

Similar Description - PE4757

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4759 PASTERNACK-PE4759 Datasheet
240Kb / 2P
RP BNC Female Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .361 inch D Hole
PE4704 PASTERNACK-PE4704 Datasheet
254Kb / 3P
RP TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4758 PASTERNACK-PE4758 Datasheet
250Kb / 3P
RP BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4063 PASTERNACK-PE4063 Datasheet
207Kb / 1P
TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminalm, 410 inch D Hole
PE4764 PASTERNACK-PE4764 Datasheet
219Kb / 3P
RP BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4014 PASTERNACK-PE4014 Datasheet
251Kb / 2P
BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4015 PASTERNACK-PE4015 Datasheet
263Kb / 3P
BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4761 PASTERNACK-PE4761 Datasheet
221Kb / 3P
RP BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4706 PASTERNACK-PE4706 Datasheet
222Kb / 3P
RP TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4014 PASTERNACK-PE4014_16 Datasheet
350Kb / 3P
BNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com