Electronic Components Datasheet Search
  English  ▼

X  

PE44176 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44176
Description  75 Ohm TNC Female Bulkhead Connector Clamp - Solder Attachment For RG179, RG187, .480 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44176 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44176 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44176 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm TNC Female Bulkhead Connector Clamp/Solder
Attachment For RG179, RG187, .480 inch D Hole
75 Ohm TNC Female Bulkhead Connector Clamp/Solder Attachment For RG179, RG187, .480 inch D
Hole
Configuration
Connector
TNC Female
Connector Interface Type
RG179,RG187
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.13 [28.7]
Width/Dia., in [mm]
0.688 [17]
Weight, lbs [g]
0.055 [24.95]
Connector
Type
TNC Female
Contact Material and Plating
Silver
Body Material and Plating
Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/tnc-female-standard-rg179-rg187-connector-pe44176-p.aspx
75 Ohm TNC Female Bulkhead Connector Clamp/Solder Attachment For RG179, RG187, .480 inch D Hole from Pasternack
Enterprises has same day shipment for domestic and International orders. We maintain 99% availability of the industry’s
broadest selection of RF, microwave and fiber optic products.
PE44176
PE44176 REV


Similar Part No. - PE44176

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4417 PASTERNACK-PE4417 Datasheet
111Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG188-DS & RG316-DS
PE44170 PASTERNACK-PE44170 Datasheet
274Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp Solder Attachment For RG11, RG216
PE44171 PASTERNACK-PE44171 Datasheet
237Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp/Solder Attachment For RG59
PE44172 PASTERNACK-PE44172 Datasheet
276Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp/ Solder Attachment For RG179, RG187
PE44173 PASTERNACK-PE44173 Datasheet
240Kb / 3P
75 Ohm TNC Female Bulkhead Connector Clamp/ Solder Attachment For RG6, .480 inch D Hole
More results

Similar Description - PE44176

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44175 PASTERNACK-PE44175 Datasheet
357Kb / 2P
75 Ohm TNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, .480 inch D Hole
PE4615 PASTERNACK-PE4615 Datasheet
207Kb / 2P
75 Ohm BNC Female Connector Clamp/Solder Attachment For RG179, RG187
PE4925 PASTERNACK-PE4925 Datasheet
262Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG179, RG187, .285 inch D Hole
PE44167 PASTERNACK-PE44167 Datasheet
118Kb / 1P
75 OHM TNC MALE CLAMP ATTACHMENT FOR RG179 &RG187
PE44326 PASTERNACK-PE44326 Datasheet
256Kb / 2P
75 Ohm F Female Bulkhead Connector Crimp/ Solder Attachment For RG179, RG187
PE44173 PASTERNACK-PE44173 Datasheet
240Kb / 3P
75 Ohm TNC Female Bulkhead Connector Clamp/ Solder Attachment For RG6, .480 inch D Hole
PE44174 PASTERNACK-PE44174 Datasheet
225Kb / 2P
75 Ohm TNC Female Bulkhead Connector Clamp/Solder Attachment For RG11, RG216, .480 inch D Hole
PE4929 PASTERNACK-PE4929 Datasheet
207Kb / 2P
75 Ohm SMC Jack Connector Clamp/Solder Attachment For RG179, RG187
PE4640 PASTERNACK-PE4640 Datasheet
322Kb / 3P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For RG179, RG187, .480 inch D Hole
PE4906 PASTERNACK-PE4906 Datasheet
312Kb / 2P
75 Ohm SMC Jack Bulkhead Connector Clamp - Solder Attachment For RG179, RG187
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com