Electronic Components Datasheet Search
  English  ▼

X  

PE44254 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44254
Description  1.0/2.3 Jack Bulkhead Connector Crimp-Solder Attachment For RG174, RG316, RG188, .217 inch DD Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44254 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44254 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44254 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
1.0/2.3 Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .217 inch DD
Hole
Configuration
Connector
1.0/2.3 Jack
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.955 [24.26]
Width/Dia., in [mm]
0.275 [6.99]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
1.0/2.3 Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
1.0/2.3 Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .217 inch DD Hole from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.0/2.3 Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .217
inch DD Hole PE44254
URL: http://www.pasternack.com/1.0-2.3-jack-standard-rg174-rg316-rg188-connector-pe44254-p.aspx
PE44254
PE44254 REV
1.0/2.3 Jack Bulkhead Connector Crimp/Solder Attachment
For RG174, RG316, RG188, .217 inch DD Hole


Similar Part No. - PE44254

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4425 PASTERNACK-PE4425 Datasheet
113Kb / 1P
SMA FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG188-DS & RG316-DS
PE44255 PASTERNACK-PE44255 Datasheet
265Kb / 3P
1.0/2.3 Jack Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole
PE44256 PASTERNACK-PE44256 Datasheet
266Kb / 3P
1.0/2.3 Jack Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PE44257 PASTERNACK-PE44257 Datasheet
220Kb / 2P
1.0-2.3 Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
PE44258 PASTERNACK-PE44258 Datasheet
249Kb / 3P
1.0/2.3 Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
More results

Similar Description - PE44254

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4095 PASTERNACK-PE4095 Datasheet
265Kb / 2P
SMC Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE4097 PASTERNACK-PE4097 Datasheet
271Kb / 3P
SMB Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44373 PASTERNACK-PE44373 Datasheet
205Kb / 2P
RP MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE44148 PASTERNACK-PE44148 Datasheet
204Kb / 2P
FME Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44244 PASTERNACK-PE44244 Datasheet
249Kb / 2P
1.0/2.3 Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44249 PASTERNACK-PE44249 Datasheet
271Kb / 2P
1.0/2.3 Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44260 PASTERNACK-PE44260 Datasheet
211Kb / 2P
1.0-2.3 Jack Right Angle Bulkhead Connector Crimp- Solder Attachment For RG58, .236 inch DD Hole
PE44261 PASTERNACK-PE44261 Datasheet
216Kb / 3P
1.0-2.3 Jack Right Angle Bulkhead Connector Crimp-Solder Attachment For RG174, RG316, RG188, .236 inch DD Hole
PE4442 PASTERNACK-PE4442 Datasheet
227Kb / 3P
N Female Bulkhead Connector Crimp-Solder Attachment For RG174, RG316, RG188, .640 inch DD Hole
PE4336 PASTERNACK-PE4336 Datasheet
217Kb / 2P
SSMB Jack Bulkhead Connector Crimp - Solder Attachment For RG174, RG179, RG316, RG188, .126 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com