Electronic Components Datasheet Search
  English  ▼

X  

ML2281 Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML2281
Description  Serial I/O 8-Bit A/D Converters with Multiplexer Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2281 Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML2281 Datasheet HTML 3Page - Micro Linear Corporation ML2281 Datasheet HTML 4Page - Micro Linear Corporation ML2281 Datasheet HTML 5Page - Micro Linear Corporation ML2281 Datasheet HTML 6Page - Micro Linear Corporation ML2281 Datasheet HTML 7Page - Micro Linear Corporation ML2281 Datasheet HTML 8Page - Micro Linear Corporation ML2281 Datasheet HTML 9Page - Micro Linear Corporation ML2281 Datasheet HTML 10Page - Micro Linear Corporation ML2281 Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
ML2281, ML2282, ML2284, ML2288
7
VCC
DATA
OUTPUT
CL
CL
RL
DATA
OUTPUT
t1H
t0H
t1H
t0H
CS
VCC
GND
VOH
GND
50%
10%
90%
t1H
90%
DO AND
SARS OUTPUTS
CS
DO AND
SARS OUTPUTS
GND
VCC
VCC
VOL
10%
t0H
50%
10%
90%
tr
tr
RL
Figure 1. High Impedance Test Circuits and Waveforms
CLK
CLK
CS
DO
tSET-UP
tPD0, tPD1
tSET-UP
tSET-UP
tHOLD
tHOLD
CS
DATA
IN (DI)
CLK
DATA
OUT (DO)
SE
tSET-UP
START CONVERSION
BIT 7
(MSB)
BIT 6
tPD0, tPD1
Figure 2. Timing Diagrams
Data Input Timing
Data Output Timing
ML2281 Start Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com