Electronic Components Datasheet Search
  English  ▼

X  

ML2330 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML2330
Description  Selectable Dual 3V/3.3V/5V 8-Bit DACs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2330 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML2330 Datasheet HTML 1Page - Micro Linear Corporation ML2330 Datasheet HTML 2Page - Micro Linear Corporation ML2330 Datasheet HTML 3Page - Micro Linear Corporation ML2330 Datasheet HTML 4Page - Micro Linear Corporation ML2330 Datasheet HTML 5Page - Micro Linear Corporation ML2330 Datasheet HTML 6Page - Micro Linear Corporation ML2330 Datasheet HTML 7Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ML2330
3
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ................................................ 6.0V
GND ............................................... –0.3V to VCC + 0.3V
Logic Inputs .................................... –0.3V to VCC + 0.3V
Input Current per Pin ............................................ ±25mA
Storage Temperature ................................ –65°C to 150°C
Package Dissipation at TA = 25°C ........................ 750mW
Lead Temperature (Soldering 10 sec.)
SOIC .................................................................... 150°C
OPERATING CONDITIONS
Supply Voltage (VCC)
ML2330ES–2 ............................................... 3V ± 10%
ML2330ES–3 ............................................ 3.3V ± 10%
ML2330ES–5 ............................................... 5V ± 10%
Temperature Range
ML2330ES ............................................. –20°C to 70°C
ML2330IS .............................................. –40°C to 85°C
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TA = TMIN to TMAX, VCC = Operating Supply Voltage Range, fCLK = 10MHz RL = 1ký,
(RL = 2kW for VCC = 5V), CL = 100pF (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Converter
Resolution
8
bits
Integral Linearity Error
ILE
±1.5
LSB
Differential Linearity Error
DLE
±1
LSB
Offset Error
VCC = 3.3V or 3.0V
E Suffix
10
20
30
mV
I Suffix
5
20
35
mV
VCC = 5V
E Suffix
15
25
35
mV
I Suffix
10
25
40
mV
Gain Error
±5
%FS
Analog Output
Output Drive Current
IOUTPP
Full scale output
2
mA
Power Supply Rejection Ratio
PSRR
@00 & FF
40
dB
Digital and DC
Logic Input Low
VIL
VCC = 3V, 3.3V, or 5V
0.8
V
Logic Input High
VIH
VCC = 3V or 3.3V
2.0
V
VCC = 5V
2.8
V
Logic Input Low Current
IIL
VIN = GND
–1
µA
Logic Input High Current
IIH
VIN = VCC
1µA
Logic Output Low
VOL
I = 3.2mA
0.4
V
Logic Output High
VOH
I = 0.4mA
2.4
V
Supply Current
ICC
RL = •
2.5
3.5
mA
Power Down Current
All digital inputs at
VCC = 3V
3
µA
static 0V or VCC
VCC = 5V
5
µA
AC Performance
Settling Time
tS
±1/2 LSB
5
10
µs
Slew Rate
1.4
V/µs
Crosstalk
60
dB
Note 1: Limits are guaratneed by 100% testing, sampling or correlation with worst case test conditions.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com