Electronic Components Datasheet Search
  English  ▼

X  

ML2340 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML2340
Description  Single Supply, Programmable 8-Bit D/A Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2340 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML2340 Datasheet HTML 1Page - Micro Linear Corporation ML2340 Datasheet HTML 2Page - Micro Linear Corporation ML2340 Datasheet HTML 3Page - Micro Linear Corporation ML2340 Datasheet HTML 4Page - Micro Linear Corporation ML2340 Datasheet HTML 5Page - Micro Linear Corporation ML2340 Datasheet HTML 6Page - Micro Linear Corporation ML2340 Datasheet HTML 7Page - Micro Linear Corporation ML2340 Datasheet HTML 8Page - Micro Linear Corporation ML2340 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ML2340, ML2350
2
PIN NAME
FUNCTION
PIN NAME
FUNCTION
1VCC
Positive supply.
2VOUT
Voltage output of the D/A converter.
VOUT is referenced to VZS.
3VZS
Zero Scale Voltage. VOUT is referenced
to VZS. VZS is normally tied to AGND
in the unipolar mode or to mid-supply
in the bipolar mode. When the device
is operated from a single power
supply, VZS has a maximum current
requirement of –300µA in the bipolar
mode.
4
AGND
Analog ground.
5
DGND
Digital ground. This is the ground
reference level for all digital inputs.
The range is AGND - DGND - VCC –
4.5V. DGND is normally tied to
system ground.
6
DB0
Data input — Bit 0 (LSB).
7
DB1
Data input — Bit 1.
PIN DESCRIPTION
8
DB2
Data input — Bit 2.
9
DB3
Data input — Bit 3.
10 DB4
Data input — Bit 4.
11 DB5
Data input — Bit 5.
12 DB6
Data input — Bit 6.
13 DB7
Data input — Bit 7 (MSB).
14 XFER
Transfer enable input. The data is
transferred into the transparent latch at
the high level of XFER.
15 GAIN 0
Digital gain setting input 0.
16 GAIN 1
Digital gain setting input 1.
17 VREF OUT
Voltage reference output. VREF OUT is
referenced to AGND. VREF OUT is set
to 2.5V and 5.0V in a low-voltage and
high-voltage operation, respectively
for the ML2350; 2.25V and 4.5V for
the ML2340.
18 VREF IN
Voltage reference input. VREF IN is
referenced to AGND.
PIN CONNECTIONS
VCC
VOUT
VZS
AGND
DGND
DB0
DB1
DB2
DB3
VREF IN
VREF OUT
GAIN 1
GAIN 0
XFER
DB7
DB6
DB5
DB4
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
TOP VIEW
TOP VIEW
VCC
VOUT
VZS
AGND
DGND
DB0
DB1
DB2
DB3
VREF IN
VREF OUT
GAIN 1
GAIN 0
XFER
DB7
DB6
DB5
DB4
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
ML2340
ML2350
18-Pin DIP (P18)
ML2340
ML2350
18-Pin SOIC (S18W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com