Electronic Components Datasheet Search
  English  ▼

X  

ML2652 Datasheet(PDF) 23 Page - Micro Linear Corporation

Part # ML2652
Description  10Base-T Physical Interface Chip
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2652 Datasheet(HTML) 23 Page - Micro Linear Corporation

Back Button ML2652 Datasheet HTML 15Page - Micro Linear Corporation ML2652 Datasheet HTML 16Page - Micro Linear Corporation ML2652 Datasheet HTML 17Page - Micro Linear Corporation ML2652 Datasheet HTML 18Page - Micro Linear Corporation ML2652 Datasheet HTML 19Page - Micro Linear Corporation ML2652 Datasheet HTML 20Page - Micro Linear Corporation ML2652 Datasheet HTML 21Page - Micro Linear Corporation ML2652 Datasheet HTML 22Page - Micro Linear Corporation ML2652 Datasheet HTML 23Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
23
ML2652/ML2653
PHYSICAL DIMENSIONS inches (millimeters)
0.048 MAX
(1.20 MAX)
SEATING PLANE
0.472 BSC
(12.00 BSC)
0.394 BSC
(10.00 BSC)
1
0.394 BSC
(10.00 BSC)
0.472 BSC
(12.00 BSC)
12
34
23
0.032 BSC
(0.80 BSC)
PIN 1 ID
0.012 - 0.018
(0.29 - 0.45)
0.037 - 0.041
(0.95 - 1.05)
0.018 - 0.030
(0.45 - 0.75)
0.003 - 0.008
(0.09 - 0.20)
0º - 8º
Package: H44-10
44-Pin (10 x 10 x 1mm) TQFP
© Micro Linear 1998.
is a registered trademark of Micro Linear Corporation. All other trademarks are the property of their respective owners.
Products described herein may be covered by one or more of the following U.S. patents: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502;
5,508,570; 5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; 5,652,479; 5,661,427; 5,663,874; 5,672,959; 5,689,167; 5,714,897;
5,717,798; 5,742,151; 5,747,977; 5,754,012; 5,757,174; 5,767,653; 5,777,514; 5,793,168; 5,798,635; 5,804,950; 5,808,455; 5,811,999; 5,818,207; 5,818,669;
5,825,165; 5,825,223; 5,838,723. Japan: 2,598,946; 2,619,299; 2,704,176; 2,821,714. Other patents are pending.
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design. Micro Linear does not assume any liability
arising out of the application or use of any product described herein, neither does it convey any license under its patent right nor the rights of others. The circuits
contained in this data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to whether the illustrated circuits
infringe any intellectual property rights of others, and will accept no responsibility or liability for use of any application herein. The customer is urged to consult
with appropriate legal counsel before deciding on a particular application.
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
ML2652CQ
0°C to 70°C
44-Pin PLCC (Q44)
ML2653CQ
0°C to 70°C
28-Pin PLCC (Q28)
ML2653CH
0°C to 70°C
44-Pin TQFP (H44-10)
12/9/98 Printed in U.S.A.
2092 Concourse Drive
San Jose, CA 95131
Tel: 408/433-5200
Fax: 408/432-0295
www.microlinear.com
DS2652_53-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com