Electronic Components Datasheet Search
  English  ▼

X  

ML4425 Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML4425
Description  Sensorless BLDC Motor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4425 Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML4425 Datasheet HTML 5Page - Micro Linear Corporation ML4425 Datasheet HTML 6Page - Micro Linear Corporation ML4425 Datasheet HTML 7Page - Micro Linear Corporation ML4425 Datasheet HTML 8Page - Micro Linear Corporation ML4425 Datasheet HTML 9Page - Micro Linear Corporation ML4425 Datasheet HTML 10Page - Micro Linear Corporation ML4425 Datasheet HTML 11Page - Micro Linear Corporation ML4425 Datasheet HTML 12Page - Micro Linear Corporation ML4425 Datasheet HTML 13Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
ML4425
The maximum frequency on the VCO pin is found by:
fN RPM
MAX
MAX
=™ ™
005
.
(3)
The voltage at the VCO/TACH pin is equal to the rotor
speed. The voltage at SPEED FB is controlled by the back
EMF sampler.
BACK EMF SAMPLER
The input to the voltage controlled oscillator is the back
EMF sampler. The back EMF sense pins FB A, FB B, and
FB C inputs to the back EMF sampler require a signal
from the motor phase leads that is below the VDD of the
ML4425. The phase sense input impedance is 8k
W. This
requires a series resistor RES1 from the motor phase lead
as shown in Figure 6 based on the following equation:
RES
V
V
V
MOTOR
1 670
10
=™
-
W /
16
(4)
The back EMF sampler takes the motor phase voltages
divided down to signals that are less than VDD (12V
nominal) and calculates the neutral point of the motor by
the following equation:
Neutral
PH
PH
PH
=
++
12
3
3
(5)
This allows the ML4425 to compare the back EMF signal
to the motor's neutral point without the need for bringing
out an extra wire on a WYE wound motor. For DELTA
wound motors there is no physical neutral to bring out, so
this reference point must be calculated in any case.
The back EMF sampler measures the motor phase that is
not driven (i.e. if LA and HB are on, then phase A is
driven low, phase B is driven high, and phase C is
FUNCTIONAL DESCRIPTION (Continued)
Figure 5. External VCO Component Connections
CVCO
CVCO
4.3V
0V
5V
2.3V
RVCO
SPEED
FB
CVCO
RVCO
VOLTAGE
CONTROLLED
OSCILLATOR
VCO/TACH
VCO/TACH
RESET
(FROM CAT)
FROM
BACK EMF
SAMPLER
& RAMP
GENERATOR
NEUTRAL
SIMULATOR
ΦA + ΦB + ΦC
6
MULTIPLEXER
COMMUTATION
STATE MACHINE
gm =
1
8k
Ω
4k
Ω
4k
Ω
4k
Ω
4k
Ω
4k
Ω
4k
Ω
+
–
SIGN
CHANGER
TO
SPEED FB
FB A
RES1
RES2
RES3
FB B
FB C
F/R
MOTOR
ΦC
F/R
MOTOR
ΦB
MOTOR
ΦA
Figure 6. Back EMF Sampler Detailed Block Diagram
sampled). The sampled phase provides a back EMF signal
that is compared against the neutral of the motor. The
sampler is controlled by the commutation state machine.
The sampled back EMF is compared to the neutral through
an error amplifier. The output of the error amplifier outputs
a charging or discharging current to SPEED FB, which
provides the control voltage to the VCO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com