Electronic Components Datasheet Search
  English  ▼

X  

BFS483 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BFS483
Description  Qualification report according to AEC-Q101 available
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFS483 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BFS483 Datasheet HTML 1Page - Infineon Technologies AG BFS483 Datasheet HTML 2Page - Infineon Technologies AG BFS483 Datasheet HTML 3Page - Infineon Technologies AG BFS483 Datasheet HTML 4Page - Infineon Technologies AG BFS483 Datasheet HTML 5Page - Infineon Technologies AG BFS483 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2013-07-25
1
BFS483
1
6
2
3
5
4
Low Noise Silicon Bipolar RF Transistor
• For low noise, high-gain broadband amplifiers at
collector currents from 2 mA to 30 mA
• fT = 8 GHz, NFmin = 0.9 dB at 900 MHz
• Two (galvanic) internal isolated Transistor in
one package
• For orientation in reel see package
information below
• Pb-free (RoHS compliant) and halogen-free package
with visible leads
• Qualification report according to AEC-Q101 available
EHA07196
6
54
3
2
1
C1
E2
B2
C2
E1
B1
TR1
TR2
ESD
(Electrostatic discharge) sensitive device, observe handling precaution!
Type
Marking
Pin Configuration
Package
BFS483
RHs
1=B
2=E
3=C
4=B
5=E
6=C
SOT363


Similar Part No. - BFS483

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFS483 SIEMENS-BFS483 Datasheet
53Kb / 6P
NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifier at colector current from 2mA to 28mA)
logo
Infineon Technologies A...
BFS483 INFINEON-BFS483 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFS483 INFINEON-BFS483 Datasheet
127Kb / 6P
NPN Silicon RF Transistor
2007-04-26
BFS483 INFINEON-BFS483_07 Datasheet
127Kb / 6P
NPN Silicon RF Transistor
2007-04-26
More results

Similar Description - BFS483

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SGA-9189 STANFORD-SGA-9189 Datasheet
448Kb / 5P
Reliability Qualification Report
SGA-8343X STANFORD-SGA-8343X Datasheet
178Kb / 9P
Reliability Qualification Report
logo
List of Unclassifed Man...
STQ-1016Z ETC1-STQ-1016Z Datasheet
216Kb / 9P
Reliability Qualification Report
logo
California Eastern Labs
GET-30593 CEL-GET-30593 Datasheet
362Kb / 7P
Qualification Test Report on NE681XX
GET-BC-0004 CEL-GET-BC-0004 Datasheet
606Kb / 20P
Qualification Test Report on NE292
logo
Tyco Electronics
3-1461491-5 MACOM-3-1461491-5 Datasheet
369Kb / 40P
Qualification Test Report
logo
STMicroelectronics
STB100NF04T4 STMICROELECTRONICS-STB100NF04T4 Datasheet
1Mb / 20P
AEC-Q101 qualified
21-Nov-2016
TN3050H-12WY STMICROELECTRONICS-TN3050H-12WY Datasheet
394Kb / 9P
AEC-Q101 qualified
03-Oct-2016
logo
Littelfuse
AQ1006 LITTELFUSE-AQ1006 Datasheet
2Mb / 4P
AEC-Q101 qualified
AQ1026 LITTELFUSE-AQ1026 Datasheet
2Mb / 4P
AEC-Q101 qualified
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com