Electronic Components Datasheet Search
  English  ▼

X  

ML4642 Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML4642
Description  AUI Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4642 Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML4642 Datasheet HTML 6Page - Micro Linear Corporation ML4642 Datasheet HTML 7Page - Micro Linear Corporation ML4642 Datasheet HTML 8Page - Micro Linear Corporation ML4642 Datasheet HTML 9Page - Micro Linear Corporation ML4642 Datasheet HTML 10Page - Micro Linear Corporation ML4642 Datasheet HTML 11Page - Micro Linear Corporation ML4642 Datasheet HTML 12Page - Micro Linear Corporation ML4642 Datasheet HTML 13Page - Micro Linear Corporation ML4642 Datasheet HTML 14Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
ML4642
39
Ω
39
Ω
360
Ω
360
Ω
360
Ω
360
Ω
39
Ω
39
Ω
360
Ω
360
Ω
360
Ω
360
Ω
39
Ω
39
Ω
39
Ω
39
Ω
360
Ω
360
Ω
TXIN1P
TXIN1N
RXOUT1P
RXOUT1N
CDOUT1P
CDOUT1N
TXIN2P
TXIN2N
RXOUT2P
RXOUT2N
CDOUT2P
CDOUT2N
TXOUTP
TXOUTN
RXINP
RXINN
CDINP
CDINN
JAB1/JABD
JAB2
CDLED
TXLED1
TXLED2
RXLED/LPBK/SQE
VCC
VCC
GND
Switch Option
1. Receive LED with Internal/External MAU
2. No MAU/No SQE
3. No MAU with SQE
ML4642
0.1
0.01
+5V
61.9K
+5V
RRSET
510
Ω
510
Ω
510
Ω
510
Ω
270
Ω
270
Ω
2
+5V
3
TO MAU
TO DTE 1
TO DTE 2
1
Q1
1k
1k
7.15k
Q2
Before data will be transmitted to the TXOUT and RXOUT
pins from the TXIN pins it must meet the unsquelch
requirements of the TXIN receiver circuitry. The squelch
circuitry prevents any noise on the TXIN wires from being
misinterpreted as data and transmitted to the TXOUT and
RXOUT pins. The squelch circuit rejects signals with pulse
widths less than typically 20ns and voltage levels more
positive than –250mV. Once the TXIN receiver is
unsquelched it remains so until reception of the input idle
signal, which is detected when the TXIN signal is more
positive than –170mV for longer than 180ns.
RECEPTION
The receive function consists of detecting data at the
RXIN differential receiver of the MAU port transmitting
this data to both DTE port RXOUT pairs.
Figure 9 is a block diagram of a Two Port Multiplexer
using the ML4642 chip. All AUI interfaces are shown AC
coupled as they would be in an AUI multiplexer which
does not include the MAU circuitry on the same board.
TRANSMISSION
The transmit function consists of detecting data on either
of the TXIN differential receivers (TXIN1 or TXIN2) and
transmitting this data out the TXOUT differential driver at
the MAU port as well as both RXOUT1 and RXOUT2
drivers of the DTE ports. (Note: the looping back of data
received at a TXIN pair to the RXOUT pairs is discussed in
the Loopback section.)
Figure 9. Two Port AUI Multiplexer
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com